| Moteur de recherche de fiches techniques de composants électroniques |
|
FS1012 Fiches technique(PDF) 4 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
FS1012 Fiches technique(HTML) 4 Page - Renesas Technology Corp |
|
4 / 9 page ![]() FS1012 Datasheet © 2018 Integrated Device Technology, Inc. 4 November 19, 2018 Symbol Parameter Conditions Minimum Typical Maximum Units Standard Gas Flow Range[b], [c] Gas Flow FS1012-1020-NG 0 2 (2000) SLPM (SCCM) FS1012-1100-NG 0 10 (10000) SLPM (SCCM) Standard Liquid Flow Range[b], [c] Liquid Flow FS1012-1001-LQ 0 0.5 (500) SLPM (SCCM) FS1012-1002-LQ 0 1.0 (1000) SLPM (SCCM) [a] Sensor specifications are tested at the wafer die level. [b] SLPM: Standard liter per minute. [c] SCCM: Standard cubic centimeter per minute. Flow Curves The flow output curves are typical values at room conditions. The heater voltage is set at 5VDC. Flow input is from P1 to P2 out. In general, use TP1 to measure gas flow and TP2 for liquid flow. Figure 4. FS1012-1020-NG Flow Curve |