Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PS77 Fiches technique(PDF) 5 Page - 3M Electronics

No de pièce PS77
Description  3M Scotch-WeldTM Pipe Sealant Anaerobic Adhesives
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  3M [3M Electronics]
Site Internet  http://www.3m.com
Logo 3M - 3M Electronics

PS77 Fiches technique(HTML) 5 Page - 3M Electronics

  PS77 Datasheet HTML 1Page - 3M Electronics PS77 Datasheet HTML 2Page - 3M Electronics PS77 Datasheet HTML 3Page - 3M Electronics PS77 Datasheet HTML 4Page - 3M Electronics PS77 Datasheet HTML 5Page - 3M Electronics PS77 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
3MTM Scotch-WeldTM
Pipe Sealant Anaerobic Adhesives
HP42 • HP45 • PS65 • PS67 • PS77
Handling
Information
For Assembly:
5. Assemble parts and tighten as required.
6. Allow assemblies to set for sufficient time so that handling strength or full
cure will occur before further processing or testing.
For Disassembly:
1. Loosen or remove with regular hand tools.
2. If hand tools do not work due to the assembled parts being well tightened,
apply localized heat (approximately 490oF / 254oC) to the nut or bolt and
disassemble while parts are still hot. Use extreme caution when working
with heat sources (e.g. heat gun, flames, etc.)
Material
Surface Activity
and Cure Speed
Active (Fast cure)
Inactive (Slow cure)
 Brass
 Anodized Aluminum
 Bronze
 Cadmium
 Commercial aluminum
 Chemical black oxide
 Copper
 Galvanized steel
 Iron
 Gold
 Kovar®
 Inconel®
 Manganese
 Magnesium
 Monel®
 Magnetite Steel
 Nickel
 Plated parts
 Pure aluminum
 Silver
 Stainless Steel
 Zinc
Storage
Store product in cool, dry area out of direct sunlight
Shelf Life
3MTM Scotch-WeldTM Pipe Sealant Anaerobic Adhesives have a shelf life of 12
months when stored at 60o to 80oF (16o to 27o C) in the original unopened
container.
Precautionary
Information
Refer to Product Labe and Material Safety Data Sheet for health and safety
information before using this product. For additional health and safety
information, call 1-800-364-3577 or (651) 737-6501.



Html Pages

1 2 3 4 5 6