| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32WLE4JC Fiches technique(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WLE4JC Fiches technique(HTML) 22 Page - STMicroelectronics |
|
22 / 145 page ![]() Functional overview STM32WLE5/E4xx 22/145 DS13105 Rev 8 3.8.6 Intermediate frequencies The sub-GHz radio receiver operates mostly in low-IF configuration, except for specific high- bandwidth settings. Table 5. FSK mode intermediate frequencies Setting name Bandwidth (kHz) fif (kHz) RX_BW_467 467.0 250 RX_BW_234 234.3 RX_BW_117 117.3 RX_BW_58 58.6 RX_BW_29 29.3 RX_BW_14 14.6 RX_BW_7 7.3 RX_BW_373 373.6 200 RX_BW_187 187.2 RX_BW_93 93.8 RX_BW_46 46.9 RX_BW_23 23.4 RX_BW_11 11.7 RX_BW_5 5.8 RX_BW_312 312.0 167 RX_BW_156 156.2 RX_BW_78 78.2 RX_BW_39 39.0 RX_BW_19 19.5 RX_BW_9 9.7 RX_BW_4 4.8 Table 6. LoRa mode intermediate frequencies Setting name Bandwidth (kHz) fif (kHz) LORA_BW_500 500 0 LORA_BW_250 250 250 LORA_BW_125 125 LORA_BW_62 62.5 LORA_BW_41 41.67 167 LORA_BW_31 31.25 250 LORA_BW_20 20.83 167 |