Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32WB55CCU7ATR Fiches technique(PDF) 76 Page - STMicroelectronics

No de pièce STM32WB55CCU7ATR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CCU7ATR Fiches technique(HTML) 76 Page - STMicroelectronics

Back Button STM32WB55CCU7ATR Datasheet HTML 72Page - STMicroelectronics STM32WB55CCU7ATR Datasheet HTML 73Page - STMicroelectronics STM32WB55CCU7ATR Datasheet HTML 74Page - STMicroelectronics STM32WB55CCU7ATR Datasheet HTML 75Page - STMicroelectronics STM32WB55CCU7ATR Datasheet HTML 76Page - STMicroelectronics STM32WB55CCU7ATR Datasheet HTML 77Page - STMicroelectronics STM32WB55CCU7ATR Datasheet HTML 78Page - STMicroelectronics STM32WB55CCU7ATR Datasheet HTML 79Page - STMicroelectronics STM32WB55CCU7ATR Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 193 page
background image
D
PD0
--
-
-
-
SPI2_
NSS
-
-
-
-
-
-
---
CM4_
EVENTOUT
PD1
--
-
-
-
SPI2_
SCK
-
-
-
-
-
-
---
CM4_
EVENTOUT
PD2
TRACE
D2
--
-
-
-
-
-
-
TSC_
SYNC
-
LCD_COM7
LCD_SEG31
LCD_SEG43
---
CM4_
EVENTOUT
PD3
-
-
-
SPI2_SCK
-
SPI2_
MISO
--
-
-
QUADSPI_
BK1_NCS
-
---
CM4_
EVENTOUT
PD4
--
-
-
-
SPI2_
MOSI
--
-
TSC_
G5_IO1
QUADSPI_
BK1_IO0
-
---
CM4_
EVENTOUT
PD5
--
-
-
-
-
-
-
-
TSC_
G5_IO2
QUADSPI_
BK1_IO1
--
SAI1_
MCLK_B
-
CM4_
EVENTOUT
PD6
--
-
SAI1_
PDM_DI1
--
-
-
-
TSC_
G5_IO3
QUADSPI_
BK1_IO2
--
SAI1_
SD_A
-
CM4_
EVENTOUT
PD7
--
-
-
-
-
-
-
-
TSC_
G5_IO4
QUADSPI_
BK1_IO3
LCD_SEG39
-
-
-
CM4_
EVENTOUT
PD8
--
TIM1
_BKIN2
-
-
-
-
-
-
-
-
LCD_SEG28
-
-
-
CM4_
EVENTOUT
PD9
TRACE
D0
-
-
-
-
-
-
-
-
-
-
LCD_SEG29
-
-
-
CM4_
EVENTOUT
PD10
TRIG
_INOUT
--
-
-
-
-
-
-
TSC_
G6_IO1
-
LCD_SEG30
-
-
-
CM4_
EVENTOUT
PD11
--
-
-
-
-
-
-
-
TSC_
G6_IO2
-
LCD_SEG31
-
-
LPTIM2_
ETR
CM4_
EVENTOUT
PD12
--
-
-
-
-
-
-
-
TSC_
G6_IO3
-
LCD_SEG32
-
-
LPTIM2_
IN1
CM4_
EVENTOUT
PD13
--
-
-
-
-
-
-
-
TSC_
G6_IO4
-
LCD_SEG33
-
-
LPTIM2_
OUT
CM4_
EVENTOUT
PD14
-
TIM1_
CH1
-
-
-
-
-
-
-
-
-
LCD_SEG34
-
-
-
CM4_
EVENTOUT
PD15
-
TIM1_
CH2
-
-
-
-
-
-
-
-
-
LCD_SEG35
-
-
-
CM4_
EVENTOUT
Table 18. Alternate functions (STM32WB55xx) (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS_AF
TIM1/
TIM2/
LPTIM1
TIM1/
TIM2
SPI2/
SAI1/
TIM1
I2C1/
I2C3
SPI1/
SPI2
RF
USART1
LPUART1
TSC
USB/
QUADSPI
LCD
COMP1/
COMP2/
TIM1
SAI1
TIM2/
TIM16/
TIM17/
LPTIM2
EVENTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More