Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32WB55CCQ6ATR Fiches technique(PDF) 86 Page - STMicroelectronics

No de pièce STM32WB55CCQ6ATR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CCQ6ATR Fiches technique(HTML) 86 Page - STMicroelectronics

Back Button STM32WB55CCQ6ATR Datasheet HTML 82Page - STMicroelectronics STM32WB55CCQ6ATR Datasheet HTML 83Page - STMicroelectronics STM32WB55CCQ6ATR Datasheet HTML 84Page - STMicroelectronics STM32WB55CCQ6ATR Datasheet HTML 85Page - STMicroelectronics STM32WB55CCQ6ATR Datasheet HTML 86Page - STMicroelectronics STM32WB55CCQ6ATR Datasheet HTML 87Page - STMicroelectronics STM32WB55CCQ6ATR Datasheet HTML 88Page - STMicroelectronics STM32WB55CCQ6ATR Datasheet HTML 89Page - STMicroelectronics STM32WB55CCQ6ATR Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 193 page
background image
Electrical characteristics
STM32WB55xx STM32WB35xx
86/193
DS11929 Rev 10
5. When several inputs are submitted to a current injection, the maximum ∑|IINJ(PIN)| is the absolute sum of the negative
injected currents (instantaneous values).
Table 22. Thermal characteristics
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
–65 to +150
°C
TJ
Maximum junction temperature
130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More