Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM-R45-P-C3 Fiches technique(PDF) 14 Page - Panasonic Semiconductor

No de pièce PM-R45-P-C3
Description  U-shaped Micro Photoelectric Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PM-R45-P-C3 Fiches technique(HTML) 14 Page - Panasonic Semiconductor

Back Button PM-R45-P-C3 Datasheet HTML 8Page - Panasonic Semiconductor PM-R45-P-C3 Datasheet HTML 9Page - Panasonic Semiconductor PM-R45-P-C3 Datasheet HTML 10Page - Panasonic Semiconductor PM-R45-P-C3 Datasheet HTML 11Page - Panasonic Semiconductor PM-R45-P-C3 Datasheet HTML 12Page - Panasonic Semiconductor PM-R45-P-C3 Datasheet HTML 13Page - Panasonic Semiconductor PM-R45-P-C3 Datasheet HTML 14Page - Panasonic Semiconductor PM-R45-P-C3 Datasheet HTML 15Page - Panasonic Semiconductor PM-R45-P-C3 Datasheet HTML 16Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
U-shaped Micro Photoelectric Sensor
PM-25 SERIES PM-45 SERIES PM-65 SERIES
408
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Selection
Guide
U-shaped
Convergent
Reflective
PM-25/PM-45/
PM-65
PM-T65W PM-T65W-P
PM-Y65 PM-Y65-P
PM-F65 PM-F65-P
PM-T65 PM-T65-P
PM-K65 PM-K65-P
Beam
axis
Beam
axis
20 0.787
3.7 0.146
2 0.079
22.4
0.882
7.4 0.291
8.4 0.331
13.4
0.528
6
0.236
13.8
0.543
7
0.276
3.5 0.138
20 0.787
26 1.024
Operation indicator (Orange)
6
0.236
2-ø3.2 ø0.126 mounting holes
Beam size:
1.2 × 0.8 0.047 × 0.031
2-mounting holes
Operation indicator (Orange)
3.2 0.126
3.7 0.146
2
0.079
PM-K65(-P)
Beam axis
Beam axis
16.7
0.657
22.4 0.882
13.4
0.528
6
0.236
(2 0.079)
8.4
0.331
26 1.024
6
0.236
4 0.157
13 0.512
7.4 0.291
10
0.394
20 0.787
1.6 0.063
4.1 0.161
6.5
0.256
8.3
0.327
6
0.236
2.3 0.091
7.4
0.291
14
0.551
Operation indicator
(Orange)
Beam size:
1.2 × 0.8 0.047 × 0.031
2-elongated
mounting holes
Operation indicator
(Orange)
PM-T65W(-P)
Beam
axis
Beam
axis
22.7
0.894
7
0.276
7
0.276
3.5 0.138
13.4
0.528
14.9
0.587
8.4 0.331
6.5
0.256
2.5 0.098
6
0.236
Operation indicator (Orange)
Beam size:
1.2 × 0.8 0.047 × 0.031
2-ø3.5 ø0.138
mounting holes
Operation indicator (Orange)
12.9
0.508
6
0.236
2
0.079
PM-Y65(-P)
PM-F65(-P)
Beam
axis
Beam
axis
7
0.276
13.5
0.531
6
0.236
13.4
0.528
6 0.236
22.4
0.882
7.7
0.303
8.4
0.331
16.3
0.642
4.1 0.161
3.7
0.146
2.5
0.098
2.1
0.083
Operation indicator (Orange)
Beam size:
1.2 × 0.8 0.047 × 0.031
Elongated mounting hole
Operation indicator (Orange)
3
0.118
ø2.4 ø0.094
6.5 0.256
3 0.118
8.3
0.327
3.2
0.126
(2 0.079)
Beam
axis
Beam
axis
22.4
0.882
13.7
0.539
8.4
0.331
7
0.276
3
0.118
6.2
0.244
1.6 0.063
4.1
0.161
3.2 0.126
26 1.024
13
0.512
7.4 0.291
20 0.787
6
0.236
6.5
0.256
8.3
0.327
Operation indicator (Orange)
Beam size: 1.2 × 0.8 0.047 × 0.031
2-elongated mounting holes
Operation indicator (Orange)
PM-T65(-P)
2
0.079
13.4
0.528
6
0.236
Beam
axis
Beam
axis
26.2 1.031
20 0.787
7.2 0.283
14.9
0.587
(2 0.079)
9 0.354
8.4 0.331
15.7
0.618
3.2
0.126
26.2 1.031
20 0.787
3.9 0.154
1.7 0.067
7
0.276
6
0.236
13.4
0.528
6
0.236
6.5
0.256
Beam size:
1.2 × 0.8 0.047 × 0.031
2-ø3.2 ø0.126 mounting holes
Operation indicator (Orange)
2-mounting
holes
Operation indicator (Orange)
PM-L65(-P)
12.9 0.508
DIMENSIONS (Unit: mm in)
The CAD data can be downloaded from our website.
PM-L65 PM-L65-P
Sensor
Sensor
Sensor
Sensor
Sensor
Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16