| Moteur de recherche de fiches techniques de composants électroniques |
|
PM-R25-C3 Fiches technique(PDF) 14 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
PM-R25-C3 Fiches technique(HTML) 14 Page - Panasonic Semiconductor |
|
14 / 16 page ![]() U-shaped Micro Photoelectric Sensor PM-25 SERIES PM-45 SERIES PM-65 SERIES 408 FIBER SENSORS LASER SENSORS PHOTO- ELECTRIC SENSORS MICRO PHOTO- ELECTRIC SENSORS AREA SENSORS SAFETY LIGHT CURTAINS / SAFETY COMPONENTS PRESSURE / FLOW SENSORS INDUCTIVE PROXIMITY SENSORS PARTICULAR USE SENSORS SENSOR OPTIONS SIMPLE WIRE-SAVING UNITS WIRE-SAVING SYSTEMS MEASURE- MENT SENSORS STATIC CONTROL DEVICES LASER MARKERS PLC HUMAN MACHINE INTERFACES ENERGY MANAGEMENT SOLUTIONS FA COMPONENTS MACHINE VISION SYSTEMS UV CURING SYSTEMS Selection Guide U-shaped Convergent Reflective PM-25/PM-45/ PM-65 PM-T65W PM-T65W-P PM-Y65 PM-Y65-P PM-F65 PM-F65-P PM-T65 PM-T65-P PM-K65 PM-K65-P Beam axis Beam axis 20 0.787 3.7 0.146 2 0.079 22.4 0.882 7.4 0.291 8.4 0.331 13.4 0.528 6 0.236 13.8 0.543 7 0.276 3.5 0.138 20 0.787 26 1.024 Operation indicator (Orange) 6 0.236 2-ø3.2 ø0.126 mounting holes Beam size: 1.2 × 0.8 0.047 × 0.031 2-mounting holes Operation indicator (Orange) 3.2 0.126 3.7 0.146 2 0.079 PM-K65(-P) Beam axis Beam axis 16.7 0.657 22.4 0.882 13.4 0.528 6 0.236 (2 0.079) 8.4 0.331 26 1.024 6 0.236 4 0.157 13 0.512 7.4 0.291 10 0.394 20 0.787 1.6 0.063 4.1 0.161 6.5 0.256 8.3 0.327 6 0.236 2.3 0.091 7.4 0.291 14 0.551 Operation indicator (Orange) Beam size: 1.2 × 0.8 0.047 × 0.031 2-elongated mounting holes Operation indicator (Orange) PM-T65W(-P) Beam axis Beam axis 22.7 0.894 7 0.276 7 0.276 3.5 0.138 13.4 0.528 14.9 0.587 8.4 0.331 6.5 0.256 2.5 0.098 6 0.236 Operation indicator (Orange) Beam size: 1.2 × 0.8 0.047 × 0.031 2-ø3.5 ø0.138 mounting holes Operation indicator (Orange) 12.9 0.508 6 0.236 2 0.079 PM-Y65(-P) PM-F65(-P) Beam axis Beam axis 7 0.276 13.5 0.531 6 0.236 13.4 0.528 6 0.236 22.4 0.882 7.7 0.303 8.4 0.331 16.3 0.642 4.1 0.161 3.7 0.146 2.5 0.098 2.1 0.083 Operation indicator (Orange) Beam size: 1.2 × 0.8 0.047 × 0.031 Elongated mounting hole Operation indicator (Orange) 3 0.118 ø2.4 ø0.094 6.5 0.256 3 0.118 8.3 0.327 3.2 0.126 (2 0.079) Beam axis Beam axis 22.4 0.882 13.7 0.539 8.4 0.331 7 0.276 3 0.118 6.2 0.244 1.6 0.063 4.1 0.161 3.2 0.126 26 1.024 13 0.512 7.4 0.291 20 0.787 6 0.236 6.5 0.256 8.3 0.327 Operation indicator (Orange) Beam size: 1.2 × 0.8 0.047 × 0.031 2-elongated mounting holes Operation indicator (Orange) PM-T65(-P) 2 0.079 13.4 0.528 6 0.236 Beam axis Beam axis 26.2 1.031 20 0.787 7.2 0.283 14.9 0.587 (2 0.079) 9 0.354 8.4 0.331 15.7 0.618 3.2 0.126 26.2 1.031 20 0.787 3.9 0.154 1.7 0.067 7 0.276 6 0.236 13.4 0.528 6 0.236 6.5 0.256 Beam size: 1.2 × 0.8 0.047 × 0.031 2-ø3.2 ø0.126 mounting holes Operation indicator (Orange) 2-mounting holes Operation indicator (Orange) PM-L65(-P) 12.9 0.508 DIMENSIONS (Unit: mm in) The CAD data can be downloaded from our website. PM-L65 PM-L65-P Sensor Sensor Sensor Sensor Sensor Sensor |