| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32WL55JC Fiches technique(PDF) 137 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WL55JC Fiches technique(HTML) 137 Page - STMicroelectronics |
|
137 / 145 page ![]() DS13293 Rev 1 137/145 STM32WL55/54xx Package information 142 Figure 31. UFQFPN48 - Recommended footprint 1. Dimensions are expressed in millimeters. Table 98. UFQFPN48 - Mechanical data Symbol millimeters inches(1) 1. Values in inches are converted from mm and rounded to 4 decimal digits. Min Typ Max Min Typ Max A 0.500 0.550 0.600 0.0197 0.0217 0.0236 A1 0.000 0.020 0.050 0.0000 0.0008 0.0020 D 6.900 7.000 7.100 0.2717 0.2756 0.2795 E 6.900 7.000 7.100 0.2717 0.2756 0.2795 D2 5.500 5.600 5.700 0.2165 0.2205 0.2244 E2 5.500 5.600 5.700 0.2165 0.2205 0.2244 L 0.300 0.400 0.500 0.0118 0.0157 0.0197 T - 0.152 - - 0.0060 - b 0.200 0.250 0.300 0.0079 0.0098 0.0118 e - 0.500 - - 0.0197 - ddd - - 0.080 - - 0.0031 7.30 7.30 0.20 0.30 0.55 0.50 5.80 6.20 6.20 5.60 5.60 5.80 0.75 A0B9_FP_V2 48 1 12 13 24 25 36 37 |