Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32WB5MMG Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce STM32WB5MMG
Description  Bluetooth® Low Energy 5.0 and 802.15.4 module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB5MMG Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button STM32WB5MMG Datasheet HTML 17Page - STMicroelectronics STM32WB5MMG Datasheet HTML 18Page - STMicroelectronics STM32WB5MMG Datasheet HTML 19Page - STMicroelectronics STM32WB5MMG Datasheet HTML 20Page - STMicroelectronics STM32WB5MMG Datasheet HTML 21Page - STMicroelectronics STM32WB5MMG Datasheet HTML 22Page - STMicroelectronics STM32WB5MMG Datasheet HTML 23Page - STMicroelectronics STM32WB5MMG Datasheet HTML 24Page - STMicroelectronics STM32WB5MMG Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
9.1.1
Device marking for SiP-LGA86
The following figure gives an example of topside marking versus pin 1 position identifier location.
The printed markings may differ depending on the supply chain.
Other optional marking or inset/upset marks, which depend on supply chain operations, are not indicated below.
Figure 13. SiP-LGA86 marking example
32WB5M
MGH6TR
Pin 1 indentifier
Certification
marking
2D matrix
code
WW
Y
Product
identification(1)
Date code
1.
Parts marked as “ES”, “E” or accompanied by an Engineering Sample notification letter, are not yet qualified
and therefore not approved for use in production. ST is not responsible for any consequences resulting
from such use. In no event will ST be liable for the customer using any of these engineering samples
in production. ST’s Quality department must be contacted prior to any decision to use these engineering
samples to run a qualification activity.
STM32WB5MMG
SiP-LGA86 package information
DS13252 - Rev 1
page 21/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31