Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD17P137ACT Fiches technique(PDF) 81 Page - NEC

No de pièce UPD17P137ACT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPD17P137ACT Fiches technique(HTML) 81 Page - NEC

Back Button UPD17P137ACT Datasheet HTML 77Page - NEC UPD17P137ACT Datasheet HTML 78Page - NEC UPD17P137ACT Datasheet HTML 79Page - NEC UPD17P137ACT Datasheet HTML 80Page - NEC UPD17P137ACT Datasheet HTML 81Page - NEC UPD17P137ACT Datasheet HTML 82Page - NEC UPD17P137ACT Datasheet HTML 83Page - NEC UPD17P137ACT Datasheet HTML 84Page - NEC UPD17P137ACT Datasheet HTML 85Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 292 page
background image
CHAPTER 7 SYSTEM REGISTER (SYSREG)
62
7.7.6 Binary-Coded Decimal Flag (BCD)
The BCD flag is used for BCD operations.
When the BCD flag is set (BCD = 1), all arithmetic operations will be performed in BCD. When the BCD flag is
reset (BCD = 0), arithmetic operations are performed in 4-bit binary.
The BCD flag does not affect logical operations, bit judgement, comparison judgement or rotations.
7.7.7 Notes Concerning Use of Arithmetic Operations
When performing arithmetic operations (addition and subtraction) on the program status word (PSWORD), the
following point should be kept in mind.
When an arithmetic operation is performed on the program status word, the result is stored in the program status
word.
Below is an example.
Example
MOV
PSW, #0001B
ADD
PSW, #1111B
When the above instructions are executed, a carry is generated which should cause bit 2 (CY flag) of
PSW to be set. However, the result of the operation (0000B) is stored in PSW, meaning that CY does
not get set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More