| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L552VCI3PTR Fiches technique(PDF) 103 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L552VCI3PTR Fiches technique(HTML) 103 Page - STMicroelectronics |
|
103 / 340 page ![]() - - 29 J2 - H4 45L9 672222 30 48L9 70 PB11 I/O FT _f - TIM2_CH4, I2C4_SDA, I2C2_SDA, USART3_RX, LPUART1_TX, OCTOSPI1_NCS, COMP2_OUT, EVENTOUT - - --- 28 J3 46 M9 68 - ----- VDDS MPS S- - - - - --- 29 H3 47 M1 0 69 - ----- VLXS MPS S- - - - - --- 30 J2 48 L10 70 - ----- VSSS MPS S- - - - 22 22 30 J1 - ----- ----- VDD12 _1 S- - - - 23 23 31 B2 31 B2 49 E9 71 23 23 31 49 E9 71 VSS S - - - - - --- 32 J1 50 M11 72 - ----- V15S MPS_ 1 S- - - - 24 24 32 A1 33 A1 51 D4 73 24 24 32 50 D4 72 VDD S - - - - Table 21. STM32L552xx pin definitions (continued) Pin Number Alternate functions Additional functions STM32L552xxxxP STM32L552xxxxQ STM32L552xx |