Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L552VCI3PTR Fiches technique(PDF) 93 Page - STMicroelectronics

No de pièce STM32L552VCI3PTR
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCI3PTR Fiches technique(HTML) 93 Page - STMicroelectronics

Back Button STM32L552VCI3PTR Datasheet HTML 89Page - STMicroelectronics STM32L552VCI3PTR Datasheet HTML 90Page - STMicroelectronics STM32L552VCI3PTR Datasheet HTML 91Page - STMicroelectronics STM32L552VCI3PTR Datasheet HTML 92Page - STMicroelectronics STM32L552VCI3PTR Datasheet HTML 93Page - STMicroelectronics STM32L552VCI3PTR Datasheet HTML 94Page - STMicroelectronics STM32L552VCI3PTR Datasheet HTML 95Page - STMicroelectronics STM32L552VCI3PTR Datasheet HTML 96Page - STMicroelectronics STM32L552VCI3PTR Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 340 page
background image
-
-
8E78E7
15
H2
26
-
-
8
15
H2
26
PC0
I/O
FT
_fa
-
LPTIM1_IN1,
OCTOSPI1_IO7,
I2C3_SCL,
LPUART1_RX,
SDMMC1_D5,
SAI2_FS_A,
LPTIM2_IN1,
EVENTOUT
ADC12_IN1
-
-
9
F8
9
F8
16
G3
27
-
-
9
16
G3
27
PC1
I/O
FT
_fa
-
TRACED0,
LPTIM1_OUT,
SPI2_MOSI,
I2C3_SDA,
LPUART1_TX,
OCTOSPI1_IO4,
SAI1_SD_A,
EVENTOUT
ADC12_IN2
-
-
10
F7
10
F7
17
F3
28
-
-
10
17
F3
28
PC2
I/O
FT
_a
-
LPTIM1_IN2,
SPI2_MISO,
DFSDM1_CKOUT,
OCTOSPI1_IO5,
EVENTOUT
ADC12_IN3
Table 21. STM32L552xx pin definitions (continued)
Pin Number
Alternate functions
Additional
functions
STM32L552xxxxP
STM32L552xxxxQ
STM32L552xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More