Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L552VCU6PTR Fiches technique(PDF) 108 Page - STMicroelectronics

No de pièce STM32L552VCU6PTR
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU6PTR Fiches technique(HTML) 108 Page - STMicroelectronics

Back Button STM32L552VCU6PTR Datasheet HTML 104Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 105Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 106Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 107Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 108Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 109Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 110Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 111Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 340 page
background image
-
----
--
F9
91
-
---
F9
91
PG6
I/O
FT
_s
-
OCTOSPI1_DQS,
I2C3_SMBA,
LPUART1_RTS/LPUA
RT1_DE,
UCPD1_FRSTX1,
EVENTOUT
-
-
----
--
F10
92
-
---
F10
92
PG7
I/O
FT
_fs
-
SAI1_CK1, I2C3_SCL,
DFSDM1_CKOUT,
LPUART1_TX,
UCPD1_FRSTX2,
FMC_INT,
SAI1_MCLK_A,
EVENTOUT
-
-
----
--
F12
93
-
---
F12
93
PG8
I/O
FT
_fs
-
I2C3_SDA,
LPUART1_RX,
EVENTOUT
-
-
----
---
94
-
----
94
VSS
S
-
-
-
-
-
----
---
95
-
----
95
VDDIO
2
S-
-
-
-
Table 21. STM32L552xx pin definitions (continued)
Pin Number
Alternate functions
Additional
functions
STM32L552xxxxP
STM32L552xxxxQ
STM32L552xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More