Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L031C4P3SDTR Fiches technique(PDF) 42 Page - STMicroelectronics

No de pièce STM32L031C4P3SDTR
Description  Access line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L031C4P3SDTR Fiches technique(HTML) 42 Page - STMicroelectronics

Back Button STM32L031C4P3SDTR Datasheet HTML 38Page - STMicroelectronics STM32L031C4P3SDTR Datasheet HTML 39Page - STMicroelectronics STM32L031C4P3SDTR Datasheet HTML 40Page - STMicroelectronics STM32L031C4P3SDTR Datasheet HTML 41Page - STMicroelectronics STM32L031C4P3SDTR Datasheet HTML 42Page - STMicroelectronics STM32L031C4P3SDTR Datasheet HTML 43Page - STMicroelectronics STM32L031C4P3SDTR Datasheet HTML 44Page - STMicroelectronics STM32L031C4P3SDTR Datasheet HTML 45Page - STMicroelectronics STM32L031C4P3SDTR Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 126 page
background image
Pin descriptions
STM32L031x4/6
42/126
DS10668 Rev 6
-
-
-
-
-
-
26
26
PB13
I/O
FT
-
SPI1_SCK,
MCO,
TIM21_CH1,
LPUART1_CTS
-
-
-
-
-
-
-
27
27
PB14
I/O
FT
-
SPI1_MISO,
RTC_OUT,
TIM21_CH2,
LPUART1_RTS/
LPUART1_DE
-
-
-
-
-
-
-
28
28
PB15
I/O
FT
-
SPI1_MOSI,
RTC_REFIN
-
-
C1
18
18 18 182929
PA8
I/O
FT
-
MCO,
LPTIM1_IN1,
EVENTOUT,
USART2_CK,
TIM2_CH1
-
17 B1
19
19 19 19
30
30
PA9
I/O
FTf
-
MCO,
I2C1_SCL,
USART2_TX,
TIM22_CH1
-
18 C2
20
20 20 20
31
31
PA10
I/O
FTf
-
I2C1_SDA,
USART2_RX,
TIM22_CH2
-
-
-
-
-
21 21
32
32
PA11
I/O
FT
-
SPI1_MISO,
EVENTOUT,
USART2_CTS,
TIM21_CH2,
COMP1_OUT
-
Table 15. Pin definitions (continued)
Pin Number
Pin name
(function
after reset)
Pin
type
Alternate
functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More