Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L552VCT6PTR Fiches technique(PDF) 129 Page - STMicroelectronics

No de pièce STM32L552VCT6PTR
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCT6PTR Fiches technique(HTML) 129 Page - STMicroelectronics

Back Button STM32L552VCT6PTR Datasheet HTML 125Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 126Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 127Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 128Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 129Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 130Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 131Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 132Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 340 page
background image
Port
H
-
-
PH0
-
-
-
-
-
-
-
-
PH1
-
-
-
-
-
-
-
-
PH3
-
-
-
-
-
-
-
-
1. Refer to Table 23 for AF8 to AF15.
Table 22. Alternate function AF0 to AF7(1) (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
SYS_AF
TIM1/2/5/8/L
PTIM1
TIM1/2/3/4/5/
LPTIM3
SPI2/SAI1/I2C4/
USART2/TIM1/8/
OCTOSPI1
I2C1/2/3/4
SPI1/2/3/I2C4/
DFSDM1/
OCTOSPI1
SPI3/I2C3/DFS
DM1/COMP1/
USART1/2/3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More