Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L552VCU6QTR Fiches technique(PDF) 117 Page - STMicroelectronics

No de pièce STM32L552VCU6QTR
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU6QTR Fiches technique(HTML) 117 Page - STMicroelectronics

Back Button STM32L552VCU6QTR Datasheet HTML 113Page - STMicroelectronics STM32L552VCU6QTR Datasheet HTML 114Page - STMicroelectronics STM32L552VCU6QTR Datasheet HTML 115Page - STMicroelectronics STM32L552VCU6QTR Datasheet HTML 116Page - STMicroelectronics STM32L552VCU6QTR Datasheet HTML 117Page - STMicroelectronics STM32L552VCU6QTR Datasheet HTML 118Page - STMicroelectronics STM32L552VCU6QTR Datasheet HTML 119Page - STMicroelectronics STM32L552VCU6QTR Datasheet HTML 120Page - STMicroelectronics STM32L552VCU6QTR Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 340 page
background image
-
-
-
C5
-
C5
--
131
-
---
B4
132
PG15
I/O
FT
_s
-
LPTIM1_OUT,
I2C1_SMBA,
EVENTOUT
-
39
39
54
E6
55
E6
89
C6 132
39
39
55
89
C6 133
PB3
(JTDO/
TRAC
ESWO
)
I/O
FT
_a
-
JTDO/TRACESWO,
TIM2_CH2, SPI1_SCK,
SPI3_SCK,
USART1_RTS/USART
1_DE, CRS_SYNC,
SAI1_SCK_B,
EVENTOUT
COMP2_INM
40
40
55
B6
56
B6
90
B6
133
40
40
56
90
B6
134
PB4
(NJTR
ST)
I/O
FT
_fa
(3)
NJTRST, TIM3_CH1,
I2C3_SDA,
SPI1_MISO,
SPI3_MISO,
USART1_CTS/USART
1_NSS,
UART5_RTS/UART5_
DE, TSC_G2_IO1,
SAI1_MCLK_B,
TIM17_BKIN,
EVENTOUT
COMP2_INP
Table 21. STM32L552xx pin definitions (continued)
Pin Number
Alternate functions
Additional
functions
STM32L552xxxxP
STM32L552xxxxQ
STM32L552xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More