Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32MP157CAD3T Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce STM32MP157CAD3T
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, 3D GPU, TFT/DSI, 37 comm. interfaces, 29 timers, adv. analog, crypto
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP157CAD3T Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button STM32MP157CAD3T Datasheet HTML 9Page - STMicroelectronics STM32MP157CAD3T Datasheet HTML 10Page - STMicroelectronics STM32MP157CAD3T Datasheet HTML 11Page - STMicroelectronics STM32MP157CAD3T Datasheet HTML 12Page - STMicroelectronics STM32MP157CAD3T Datasheet HTML 13Page - STMicroelectronics STM32MP157CAD3T Datasheet HTML 14Page - STMicroelectronics STM32MP157CAD3T Datasheet HTML 15Page - STMicroelectronics STM32MP157CAD3T Datasheet HTML 16Page - STMicroelectronics STM32MP157CAD3T Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 260 page
background image
DS12505 Rev 5
13/260
STM32MP157C/F
Introduction
59
1
Introduction
This datasheet provides the ordering information and mechanical device characteristics of
the STM32MP157C/F microprocessors.
This document should be read in conjunction with the STM32MP157 reference manual
(RM0436), available from the STMicroelectronics website www.st.com.
For information on the Arm®(a) Cortex®-A7 and Cortex®-M4 cores, refer to the Cortex®-A7
and Cortex®-M4 Technical Reference Manuals.
a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More