Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32MP157DAD3T Fiches technique(PDF) 35 Page - STMicroelectronics

No de pièce STM32MP157DAD3T
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, 3D GPU, TFT/DSI, 37 comm. interfaces, 29 timers, adv. analog
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP157DAD3T Fiches technique(HTML) 35 Page - STMicroelectronics

Back Button STM32MP157DAD3T Datasheet HTML 31Page - STMicroelectronics STM32MP157DAD3T Datasheet HTML 32Page - STMicroelectronics STM32MP157DAD3T Datasheet HTML 33Page - STMicroelectronics STM32MP157DAD3T Datasheet HTML 34Page - STMicroelectronics STM32MP157DAD3T Datasheet HTML 35Page - STMicroelectronics STM32MP157DAD3T Datasheet HTML 36Page - STMicroelectronics STM32MP157DAD3T Datasheet HTML 37Page - STMicroelectronics STM32MP157DAD3T Datasheet HTML 38Page - STMicroelectronics STM32MP157DAD3T Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 259 page
background image
DS12504 Rev 5
35/259
STM32MP157A/D
Functional overview
58
3.15
Bus-interconnect matrix
The devices feature an AXI bus matrix, one main AHB bus matrix and bus bridges that allow
bus masters to be interconnected with bus slaves (see Figure 3, the dots represent the
enabled master/slave connections).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More