Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32MP157FAD1T Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce STM32MP157FAD1T
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, 3D GPU, TFT/DSI, 37 comm. interfaces, 29 timers, adv. analog, crypto
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP157FAD1T Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button STM32MP157FAD1T Datasheet HTML 20Page - STMicroelectronics STM32MP157FAD1T Datasheet HTML 21Page - STMicroelectronics STM32MP157FAD1T Datasheet HTML 22Page - STMicroelectronics STM32MP157FAD1T Datasheet HTML 23Page - STMicroelectronics STM32MP157FAD1T Datasheet HTML 24Page - STMicroelectronics STM32MP157FAD1T Datasheet HTML 25Page - STMicroelectronics STM32MP157FAD1T Datasheet HTML 26Page - STMicroelectronics STM32MP157FAD1T Datasheet HTML 27Page - STMicroelectronics STM32MP157FAD1T Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 260 page
background image
Functional overview
STM32MP157C/F
24/260
DS12505 Rev 5
Hardware features:
•
OpenGL ES 2.0 / 1.1 compliance, including extensions; OpenVG 1.1
•
IEEE 32-bit floating-point pipeline
•
Ultra-threaded, unified vertex and fragment (pixel) shaders
•
Low memory bandwidth at both high and low data rates
•
Low CPU loading
•
Up to 12 programmable elements per vertex
•
Dependent texture operation with high-performance
•
Alpha blending
•
Depth and stencil compare
•
Support for 8 fragment shader simultaneous textures
•
Support for 4 vertex shader simultaneous textures
•
Point sampling, bi-linear sampling, tri-linear filtering, and cubic textures
•
8 k x 8 k texture size and 8 k x 8 k rendering target
•
4 Vertex DMA streams
API support:
•
OpenGL ES 1.1 and 2.0
•
OpenVG 1.1
•
EGL 1.4
•
OpenGL 2.1
Performance up to:
•
26 Mtriangle/s
•
133 Mpixel/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More