| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L031C4 Fiches technique(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L031C4 Fiches technique(HTML) 54 Page - STMicroelectronics |
|
54 / 126 page ![]() Electrical characteristics STM32L031x4/6 54/126 DS10668 Rev 6 VBOR3 Brown-out reset threshold 3 Falling edge 2.45 2.55 2.6 V Rising edge 2.54 2.66 2.7 VBOR4 Brown-out reset threshold 4 Falling edge 2.68 2.8 2.85 Rising edge 2.78 2.9 2.95 VPVD0 Programmable voltage detector threshold 0 Falling edge 1.8 1.85 1.88 Rising edge 1.88 1.94 1.99 VPVD1 PVD threshold 1 Falling edge 1.98 2.04 2.09 Rising edge 2.08 2.14 2.18 VPVD2 PVD threshold 2 Falling edge 2.20 2.24 2.28 Rising edge 2.28 2.34 2.38 VPVD3 PVD threshold 3 Falling edge 2.39 2.44 2.48 Rising edge 2.47 2.54 2.58 VPVD4 PVD threshold 4 Falling edge 2.57 2.64 2.69 Rising edge 2.68 2.74 2.79 VPVD5 PVD threshold 5 Falling edge 2.77 2.83 2.88 Rising edge 2.87 2.94 2.99 VPVD6 PVD threshold 6 Falling edge 2.97 3.05 3.09 Rising edge 3.08 3.15 3.20 Vhyst Hysteresis voltage BOR0 threshold - 40 - mV All BOR and PVD thresholds excepting BOR0 -100 - 1. Guaranteed by characterization results. 2. Valid for device version without BOR at power up. Please see option "D" in Ordering information scheme for more details. Table 21. Embedded reset and power control block characteristics (continued) Symbol Parameter Conditions Min Typ Max Unit |