Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32G47PBY6TR Fiches technique(PDF) 49 Page - STMicroelectronics

No de pièce STM32G47PBY6TR
Description  Arm® Cortex®-M4 32-bit MCUFPU, up to 512 KB Flash, 170 MHz / 213DMIPS, 128 KB SRAM, rich analog, math accelerator
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G47PBY6TR Fiches technique(HTML) 49 Page - STMicroelectronics

Back Button STM32G47PBY6TR Datasheet HTML 45Page - STMicroelectronics STM32G47PBY6TR Datasheet HTML 46Page - STMicroelectronics STM32G47PBY6TR Datasheet HTML 47Page - STMicroelectronics STM32G47PBY6TR Datasheet HTML 48Page - STMicroelectronics STM32G47PBY6TR Datasheet HTML 49Page - STMicroelectronics STM32G47PBY6TR Datasheet HTML 50Page - STMicroelectronics STM32G47PBY6TR Datasheet HTML 51Page - STMicroelectronics STM32G47PBY6TR Datasheet HTML 52Page - STMicroelectronics STM32G47PBY6TR Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 229 page
background image
DS12712 Rev 3
49/229
STM32G473xB STM32G473xC STM32G473xE
Pinouts and pin description
76
4.4
LQFP80 pinout description
Figure 8. STM32G473xB/xC/xE LQFP80 pinout
1. The above figure shows the package top view.
MSv60826V1
LQFP80
54
52
51
50
49
48
47
46
45
44
43
42
41
53
PC8
PC6
VDD
VSS
PD10
PD9
PD8
PB15
PB14
PB13
PB12
PB11
VDD
PC7
PC1
PC2
PC3
PA0
PA1
PA2
VSS
9
10
11
12
13
14
15
16
17
55
56
57
PA9
PC9
PA8
PC13
2
VBAT
1
PC14-OSC32_IN
3
PC15-OSC32_OUT
4
PF0-OSC_IN
5
PF1-OSC_OUT
6
PG10-NRST
7
PC0
8
20
18
19
VDD
PA4
PA5
PA6
PA3
60
PA12
59
PA11
58
PA10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More