Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32G031F6 Fiches technique(PDF) 34 Page - STMicroelectronics

No de pièce STM32G031F6
Description  Arm® Cortex®-M0 32-bit MCU, up to 64 KB Flash, 8 KB RAM, 2x USART, timers, ADC, comm. I/Fs, 1.7-3.6V
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G031F6 Fiches technique(HTML) 34 Page - STMicroelectronics

Back Button STM32G031F6 Datasheet HTML 30Page - STMicroelectronics STM32G031F6 Datasheet HTML 31Page - STMicroelectronics STM32G031F6 Datasheet HTML 32Page - STMicroelectronics STM32G031F6 Datasheet HTML 33Page - STMicroelectronics STM32G031F6 Datasheet HTML 34Page - STMicroelectronics STM32G031F6 Datasheet HTML 35Page - STMicroelectronics STM32G031F6 Datasheet HTML 36Page - STMicroelectronics STM32G031F6 Datasheet HTML 37Page - STMicroelectronics STM32G031F6 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 117 page
background image
Pinouts, pin description and alternate functions
STM32G031x4/x6/x8
34/117
DS12992 Rev 2
Figure 7. STM32G031GxU UFQFPN28 pinout
Figure 8. STM32G031Fx TSSOP20 pinout
Figure 9. STM32G031Yx WLCSP18 ballout
MSv39713V4
PC14-OSC32_IN
PC15-OSC32_OUT
VDD/VDDA
VSS/VSSA
PF2-NRST
PA0
PA1
PA14-BOOT0
PA13
PA12 [PA10]
PA11 [PA9]
PC6
PA8
PB1
Top view
UFQFPN28
1
2
3
4
5
6
7
21
20
19
18
17
16
15
MSv47953V2
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
PB7/PB8
VDD/VDDA
PA1
PF2-NRST
PB3/PB4/PB5/PB6
PA13
PA5
PA6
PA7
PB0/PB1/PB2/PA8
12
11
9
10
PA3
PA15/PA14-BOOT0
VSS/VSSA
PA4
PB9/PC14-OSC32_IN
PC15-OSC32_OUT
PA11[PA9]
PA12[PA10]
PA0
PA2
Top view
MSv47970V1
12345
A
B
C
D
E
PA13
PA14-
BOOT0
/PA15
PB7/
PB8
PC15-
OSC32
_OUT
PA12
[PA10]
PB5/
PB6/
PB3/
PB4
PC14-
OSC32
_IN/
PB9
PA11
[PA9]
PA5
PA1
VDD/
VDDA
PA7
PA3/
PA4
VSS/
VSSA
PA8/
PB0/
PB1/
PB2
PA6
PA2
PF2-
NRST/
PA0
Top view
67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More