Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32G031F6 Fiches technique(PDF) 107 Page - STMicroelectronics

No de pièce STM32G031F6
Description  Arm® Cortex®-M0 32-bit MCU, up to 64 KB Flash, 8 KB RAM, 2x USART, timers, ADC, comm. I/Fs, 1.7-3.6V
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G031F6 Fiches technique(HTML) 107 Page - STMicroelectronics

Back Button STM32G031F6 Datasheet HTML 103Page - STMicroelectronics STM32G031F6 Datasheet HTML 104Page - STMicroelectronics STM32G031F6 Datasheet HTML 105Page - STMicroelectronics STM32G031F6 Datasheet HTML 106Page - STMicroelectronics STM32G031F6 Datasheet HTML 107Page - STMicroelectronics STM32G031F6 Datasheet HTML 108Page - STMicroelectronics STM32G031F6 Datasheet HTML 109Page - STMicroelectronics STM32G031F6 Datasheet HTML 110Page - STMicroelectronics STM32G031F6 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 117 page
background image
DS12992 Rev 2
107/117
STM32G031x4/x6/x8
Package information
112
Figure 48. TSSOP20 package footprint
1. Dimensions are expressed in millimeters.
Device marking
The following figure gives an example of topside marking orientation versus pin 1 identifier
location.
The printed markings may differ depending on the supply chain.
Other optional marking or inset/upset marks that identify the parts throughout supply chain
operations, are not indicated below.
Figure 49. TSSOP20 package marking example
1. Parts marked as ES or E or accompanied by an Engineering Sample notification letter are not yet qualified
and therefore not approved for use in production. ST is not responsible for any consequences resulting
from such use. In no event will ST be liable for the customer using any of these engineering samples in
production. ST's Quality department must be contacted prior to any decision to use these engineering
YA_FP_V1
7.10 4.40
0.25
0.25
6.25
1.35
0.40
0.65
1.35
1
20
11
10
MSv47955V2
Pin 1
indentifier
Revision code
Date code
Product
identification
(1)
32G031F8P6
Y WW R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More