Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9446-80PCB Fiches technique(PDF) 13 Page - Analog Devices

No de pièce AD9446-80PCB
Description  16-Bit, 80/100 MSPS ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9446-80PCB Fiches technique(HTML) 13 Page - Analog Devices

Back Button AD9446-80PCB Datasheet HTML 9Page - Analog Devices AD9446-80PCB Datasheet HTML 10Page - Analog Devices AD9446-80PCB Datasheet HTML 11Page - Analog Devices AD9446-80PCB Datasheet HTML 12Page - Analog Devices AD9446-80PCB Datasheet HTML 13Page - Analog Devices AD9446-80PCB Datasheet HTML 14Page - Analog Devices AD9446-80PCB Datasheet HTML 15Page - Analog Devices AD9446-80PCB Datasheet HTML 16Page - Analog Devices AD9446-80PCB Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
AD9446
Rev. 0 | Page 13 of 36
74
D4+
73
D3+
72
D2+
69
DNC
70
D0+ (LSB)
71
D1+
75
DRGND
68
DCO+
67
DCO–
66
DNC
64
DRVDD
63
DRGND
62
DNC
61
DNC
60
DNC
59
DNC
58
DNC
57
DNC
56
DNC
55
DNC
54
DNC
53
DNC
52
DNC
51
DNC
65
DNC
PIN 1
DNC = DO NOT CONNECT
100 99 98
97 96 95 94
93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76
26 27 28 29 30 31 32
33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
2
DNC
3
OUTPUT MODE
4
DFS
7
SENSE
6
AVDD1
5
LVDS_BIAS
1
DCS MODE
8
VREF
9
AGND
10
REFT
12
AVDD2
13
AVDD2
14
AVDD2
15
AVDD2
16
AVDD2
17
AVDD2
18
AVDD1
19
AVDD1
20
AVDD1
21
AGND
22
VIN+
23
VIN–
24
AGND
25
AVDD2
11
REFB
AD9446
CMOS MODE
TOP VIEW
(Not to Scale)
Figure 5. 100-Lead TQFP/EP Pin Configuration in CMOS Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36