| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F091RCU6TP Fiches technique(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F091RCU6TP Fiches technique(HTML) 34 Page - STMicroelectronics |
|
34 / 128 page ![]() Pinouts and pin descriptions STM32F091xB STM32F091xC 34/128 DocID026284 Rev 4 Table 13. STM32F091xB/xC pin definitions Pin numbers Pin name (function upon reset) Pin functions Alternate functions Additional functions B2 1 - - - - PE2 I/O FT TSC_G7_IO1, TIM3_ETR - A1 2 - - - - PE3 I/O FT TSC_G7_IO2, TIM3_CH1 - B1 3 - - - - PE4 I/O FT TSC_G7_IO3, TIM3_CH2 - C2 4 - - - - PE5 I/O FT TSC_G7_IO4, TIM3_CH3 - D2 5 - - - - PE6 I/O FT TIM3_CH4 WKUP3, RTC_TAMP3 E2 6 B2 1 B8 1 VBAT S - - Backup power supply C1 7 A2 2 B7 2 PC13 I/O TC (1) (2) - WKUP2, RTC_TAMP1, RTC_TS, RTC_OUT D1 8 A1 3 C8 3 PC14- OSC32_IN (PC14) I/O TC (1) (2) - OSC32_IN E1 9 B1 4 C7 4 PC15- OSC32_OUT (PC15) I/O TC (1) (2) - OSC32_OUT F2 10 - - - - PF9 I/O FT TIM15_CH1, USART6_TX - G2 11 - - - - PF10 I/O FT TIM15_CH2, USART6_RX - F1 12 C1 5D85 PF0-OSC_IN (PF0) I/O FTf CRS_ SYNC, I2C1_SDA OSC_IN G1 13 D1 6E86 PF1-OSC_OUT (PF1) I/O FTf I2C1_SCL OSC_OUT H2 14 E1 7 D7 7 NRST I/O RST Device reset input / internal reset output (active low) H1 15 E3 8 E7 - PC0 I/O TTa EVENTOUT, USART6_TX, USART7_TX ADC_IN10 J2 16 E2 9 F8 - PC1 I/O TTa EVENTOUT, USART6_RX, USART7_RX ADC_IN11 J3 17 F2 10 D6 - PC2 I/O TTa SPI2_MISO, I2S2_MCK, EVENTOUT, USART8_TX ADC_IN12 K2 18 G1 11 E6 - PC3 I/O TTa SPI2_MOSI, I2S2_SD, EVENTOUT, USART8_RX ADC_IN13 |