Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F091CCT6TP Fiches technique(PDF) 42 Page - STMicroelectronics

No de pièce STM32F091CCT6TP
Description  ARM®-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC, and comm. interfaces, 2.0 - 3.6V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F091CCT6TP Fiches technique(HTML) 42 Page - STMicroelectronics

Back Button STM32F091CCT6TP Datasheet HTML 38Page - STMicroelectronics STM32F091CCT6TP Datasheet HTML 39Page - STMicroelectronics STM32F091CCT6TP Datasheet HTML 40Page - STMicroelectronics STM32F091CCT6TP Datasheet HTML 41Page - STMicroelectronics STM32F091CCT6TP Datasheet HTML 42Page - STMicroelectronics STM32F091CCT6TP Datasheet HTML 43Page - STMicroelectronics STM32F091CCT6TP Datasheet HTML 44Page - STMicroelectronics STM32F091CCT6TP Datasheet HTML 45Page - STMicroelectronics STM32F091CCT6TP Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 128 page
background image
Table 15. Alternate functions selected through GPIOB_AFR registers for port B
Pin name
AF0
AF1
AF2
AF3
AF4
AF5
PB0
EVENTOUT
TIM3_CH3
TIM1_CH2N
TSC_G3_IO2
USART3_CK
-
PB1
TIM14_CH1
TIM3_CH4
TIM1_CH3N
TSC_G3_IO3
USART3_RTS
-
PB2
-
-
-
TSC_G3_IO4
-
-
PB3
SPI1_SCK, I2S1_CK
EVENTOUT
TIM2_CH2
TSC_G5_IO1
USART5_TX
-
PB4
SPI1_MISO, I2S1_MCK
TIM3_CH1
EVENTOUT
TSC_G5_IO2
USART5_RX
TIM17_BKIN
PB5
SPI1_MOSI, I2S1_SD
TIM3_CH2
TIM16_BKIN
I2C1_SMBA
USART5_CK_RTS
-
PB6
USART1_TX
I2C1_SCL
TIM16_CH1N
TSC_G5_IO3
-
-
PB7
USART1_RX
I2C1_SDA
TIM17_CH1N
TSC_G5_IO4
USART4_CTS
-
PB8
CEC
I2C1_SCL
TIM16_CH1
TSC_SYNC
CAN_RX
-
PB9
IR_OUT
I2C1_SDA
TIM17_CH1
EVENTOUT
CAN_TX
SPI2_NSS, I2S2_WS
PB10
CEC
I2C2_SCL
TIM2_CH3
TSC_SYNC
USART3_TX
SPI2_SCK, I2S2_CK
PB11
EVENTOUT
I2C2_SDA
TIM2_CH4
TSC_G6_IO1
USART3_RX
-
PB12
SPI2_NSS, I2S2_WS
EVENTOUT
TIM1_BKIN
TSC_G6_IO2
USART3_CK
TIM15_BKIN
PB13
SPI2_SCK, I2S2_CK
-
TIM1_CH1N
TSC_G6_IO3
USART3_CTS
I2C2_SCL
PB14
SPI2_MISO, I2S2_MCK
TIM15_CH1
TIM1_CH2N
TSC_G6_IO4
USART3_RTS
I2C2_SDA
PB15
SPI2_MOSI, I2S2_SD
TIM15_CH2
TIM1_CH3N
TIM15_CH1N
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More