Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F091VBH6TP Fiches technique(PDF) 44 Page - STMicroelectronics

No de pièce STM32F091VBH6TP
Description  ARM®-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC, and comm. interfaces, 2.0 - 3.6V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F091VBH6TP Fiches technique(HTML) 44 Page - STMicroelectronics

Back Button STM32F091VBH6TP Datasheet HTML 40Page - STMicroelectronics STM32F091VBH6TP Datasheet HTML 41Page - STMicroelectronics STM32F091VBH6TP Datasheet HTML 42Page - STMicroelectronics STM32F091VBH6TP Datasheet HTML 43Page - STMicroelectronics STM32F091VBH6TP Datasheet HTML 44Page - STMicroelectronics STM32F091VBH6TP Datasheet HTML 45Page - STMicroelectronics STM32F091VBH6TP Datasheet HTML 46Page - STMicroelectronics STM32F091VBH6TP Datasheet HTML 47Page - STMicroelectronics STM32F091VBH6TP Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 128 page
background image
STM32F091xB STM32F091xC
44/128
DocID026284 Rev 4
Table 18. Alternate functions selected through GPIOE_AFR registers for port E
Pin name
AF0
AF1
PE0
TIM16_CH1
EVENTOUT
PE1
TIM17_CH1
EVENTOUT
PE2
TIM3_ETR
TSC_G7_IO1
PE3
TIM3_CH1
TSC_G7_IO2
PE4
TIM3_CH2
TSC_G7_IO3
PE5
TIM3_CH3
TSC_G7_IO4
PE6
TIM3_CH4
-
PE7
TIM1_ETR
USART5_CK_RTS
PE8
TIM1_CH1N
USART4_TX
PE9
TIM1_CH1
USART4_RX
PE10
TIM1_CH2N
USART5_TX
PE11
TIM1_CH2
USART5_RX
PE12
TIM1_CH3N
SPI1_NSS, I2S1_WS
PE13
TIM1_CH3
SPI1_SCK, I2S1_CK
PE14
TIM1_CH4
SPI1_MISO, I2S1_MCK
PE15
TIM1_BKIN
SPI1_MOSI, I2S1_SD
Table 19. Alternate functions selected through GPIOF_AFR registers for port F
Pin
name
AF0
AF1
AF2
PF0
CRS_SYNC
I2C1_SDA
-
PF1
-
I2C1_SCL
-
PF2
EVENTOUT
USART7_TX
USART7_CK_RTS
PF3
EVENTOUT
USART7_RX
USART6_CK_RTS
PF6
---
PF9
TIM15_CH1
USART6_TX
-
PF10
TIM15_CH2
USART6_RX
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More