Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F091CBH6TP Fiches technique(PDF) 34 Page - STMicroelectronics

No de pièce STM32F091CBH6TP
Description  ARM®-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC, and comm. interfaces, 2.0 - 3.6V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F091CBH6TP Fiches technique(HTML) 34 Page - STMicroelectronics

Back Button STM32F091CBH6TP Datasheet HTML 30Page - STMicroelectronics STM32F091CBH6TP Datasheet HTML 31Page - STMicroelectronics STM32F091CBH6TP Datasheet HTML 32Page - STMicroelectronics STM32F091CBH6TP Datasheet HTML 33Page - STMicroelectronics STM32F091CBH6TP Datasheet HTML 34Page - STMicroelectronics STM32F091CBH6TP Datasheet HTML 35Page - STMicroelectronics STM32F091CBH6TP Datasheet HTML 36Page - STMicroelectronics STM32F091CBH6TP Datasheet HTML 37Page - STMicroelectronics STM32F091CBH6TP Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 128 page
background image
Pinouts and pin descriptions
STM32F091xB STM32F091xC
34/128
DocID026284 Rev 4
Table 13. STM32F091xB/xC pin definitions
Pin numbers
Pin name
(function upon
reset)
Pin functions
Alternate functions
Additional
functions
B2
1
-
-
-
-
PE2
I/O
FT
TSC_G7_IO1, TIM3_ETR
-
A1
2
-
-
-
-
PE3
I/O
FT
TSC_G7_IO2, TIM3_CH1
-
B1
3
-
-
-
-
PE4
I/O
FT
TSC_G7_IO3, TIM3_CH2
-
C2
4
-
-
-
-
PE5
I/O
FT
TSC_G7_IO4, TIM3_CH3
-
D2
5
-
-
-
-
PE6
I/O
FT
TIM3_CH4
WKUP3,
RTC_TAMP3
E2
6
B2
1
B8
1
VBAT
S
-
-
Backup power supply
C1
7
A2
2
B7
2
PC13
I/O
TC
(1)
(2)
-
WKUP2,
RTC_TAMP1,
RTC_TS,
RTC_OUT
D1
8
A1
3
C8
3
PC14-
OSC32_IN
(PC14)
I/O
TC
(1)
(2)
-
OSC32_IN
E1
9
B1
4
C7
4
PC15-
OSC32_OUT
(PC15)
I/O
TC
(1)
(2)
-
OSC32_OUT
F2
10
-
-
-
-
PF9
I/O
FT
TIM15_CH1, USART6_TX
-
G2
11
-
-
-
-
PF10
I/O
FT
TIM15_CH2, USART6_RX
-
F1
12
C1
5D85
PF0-OSC_IN
(PF0)
I/O
FTf
CRS_ SYNC, I2C1_SDA
OSC_IN
G1
13
D1
6E86
PF1-OSC_OUT
(PF1)
I/O
FTf
I2C1_SCL
OSC_OUT
H2
14
E1
7
D7
7
NRST
I/O
RST
Device reset input / internal reset output
(active low)
H1
15
E3
8
E7
-
PC0
I/O
TTa
EVENTOUT,
USART6_TX,
USART7_TX
ADC_IN10
J2
16
E2
9
F8
-
PC1
I/O
TTa
EVENTOUT,
USART6_RX,
USART7_RX
ADC_IN11
J3
17
F2
10
D6
-
PC2
I/O
TTa
SPI2_MISO, I2S2_MCK,
EVENTOUT, USART8_TX
ADC_IN12
K2
18
G1
11
E6
-
PC3
I/O
TTa
SPI2_MOSI, I2S2_SD,
EVENTOUT, USART8_RX
ADC_IN13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More