Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F091VB Fiches technique(PDF) 36 Page - STMicroelectronics

No de pièce STM32F091VB
Description  ARM®-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC, and comm. interfaces, 2.0 - 3.6V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F091VB Fiches technique(HTML) 36 Page - STMicroelectronics

Back Button STM32F091VB Datasheet HTML 32Page - STMicroelectronics STM32F091VB Datasheet HTML 33Page - STMicroelectronics STM32F091VB Datasheet HTML 34Page - STMicroelectronics STM32F091VB Datasheet HTML 35Page - STMicroelectronics STM32F091VB Datasheet HTML 36Page - STMicroelectronics STM32F091VB Datasheet HTML 37Page - STMicroelectronics STM32F091VB Datasheet HTML 38Page - STMicroelectronics STM32F091VB Datasheet HTML 39Page - STMicroelectronics STM32F091VB Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 128 page
background image
Pinouts and pin descriptions
STM32F091xB STM32F091xC
36/128
DocID026284 Rev 4
L4
31
G4
22
G5
16
PA6
I/O
TTa
SPI1_MISO, I2S1_MCK,
TIM3_CH1, TIM1_BKIN,
TIM16_CH1,
COMP1_OUT,
TSC_G2_IO3,
EVENTOUT,
USART3_CTS
ADC_IN6
M4
32
H4
23
E4
17
PA7
I/O
TTa
SPI1_MOSI, I2S1_SD,
TIM3_CH2, TIM14_CH1,
TIM1_CH1N, TIM17_CH1,
COMP2_OUT,
TSC_G2_IO4,
EVENTOUT
ADC_IN7
K5
33
H5
24
H5
-
PC4
I/O
TTa
EVENTOUT, USART3_TX
ADC_IN14
L5
34
H6
25
F4
-
PC5
I/O
TTa
TSC_G3_IO1,
USART3_RX
ADC_IN15,
WKUP5
M5
35
F5
26
G4
18
PB0
I/O
TTa
TIM3_CH3, TIM1_CH2N,
TSC_G3_IO2,
EVENTOUT,
USART3_CK
ADC_IN8
M6
36
G5
27
F3
19
PB1
I/O
TTa
TIM3_CH4,
USART3_RTS,
TIM14_CH1, TIM1_CH3N,
TSC_G3_IO3
ADC_IN9
L6
37
G6
28
H4
20
PB2
I/O
FT
TSC_G3_IO4
-
M7
38
--
--
PE7
I/O
FT
TIM1_ETR,
USART5_CK_RTS
-
L7
39
-
-
-
-
PE8
I/O
FT
TIM1_CH1N,
USART4_TX
-
M8
40
-
-
-
-
PE9
I/O
FT
TIM1_CH1, USART4_RX
-
L8
41
-
-
-
-
PE10
I/O
FT
TIM1_CH2N,
USART5_TX
-
M9
42
-
-
-
-
PE11
I/O
FT
TIM1_CH2, USART5_RX
-
L9
43
-
-
-
-
PE12
I/O
FT
SPI1_NSS, I2S1_WS,
TIM1_CH3N
-
M10 44
-
-
-
-
PE13
I/O
FT
SPI1_SCK, I2S1_CK,
TIM1_CH3
-
Table 13. STM32F091xB/xC pin definitions (continued)
Pin numbers
Pin name
(function upon
reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More