Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

08641 Fiches technique(PDF) 3 Page - 3M Electronics

No de pièce 08641
Description  Automix??Channel Bonding and Sidelite Adhesive
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  3M [3M Electronics]
Site Internet  http://www.3m.com
Logo 3M - 3M Electronics

08641 Fiches technique(HTML) 3 Page - 3M Electronics

  08641 Datasheet HTML 1Page - 3M Electronics 08641 Datasheet HTML 2Page - 3M Electronics 08641 Datasheet HTML 3Page - 3M Electronics 08641 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
When replacing stationary side/quarter glass check the current Auto Glass Journal-Auto Glass Installation Guide
or the current Auto Manufacturer's Body Guide for the model being worked on. Determine the factory method of
installation used, i.e. butyl tape and/or urethane sealer/adhesive. If buytl tape was used, follow recommended
procedure for installing with butyl tape. If a urethane sealer/adhesive was used follow installation procedure using
Automix
TM
Channel Bonding and Sidelite Adhesive in place of other type adhesives. Make sure glass and metal are
clean. Apply adhesive as needed, fit glass and fixture as needed.
Because of the fast cure rate of Automix
TM
Channel Bonding and Sidelite Adhesive the car can be moved, other
work finished i.e., trip/paint or put into service in approximately one (1) hour.
If all of the Automix Channel Bonding and Sidelite Adhesive Duo-Pak was not used for the job, remove nozzle,
replace end on duo-pak and save for next job.
Cleanup:
Excess adhesive and equipment may be cleaned prior to curing with a solvent* such as 3M
TM
General Purpose
Adhesive Cleaner*.
*NOTE: When using flammable solvents, extinguish all sources of ignition in the immediate work area and
observe proper precautionary measures for handling such materials.
Applications
Stationary side glass that was factory assembled with a urethane adhesive/sealer, that needs to be removed
and/or replaced, use Automix Channel Bonding and Sidelite Adhesive to give a cured, serviceable assembly
in approximately one (1) hour compared to hours or even days for one-part sealers/adhesives and because
of the black color the O.E.M. appearance is maintained.
Storage and Handling
Store at room temperature. Rotate stock on a "first-in-first-out" basis.
When stored at the recommended conditions in original, unopened
containers, this product has a shelf life of 12 months.
Precautionary Information
Refer to Product Label and Material Safety Data Sheet for Health and Safety Information before using this product.
Country
US
This document is public. It may be distributed.
Important Notice to Purchaser
The statements and technical information contained in this technical data
sheet are based on tests and data which 3M believes to be reliable, but the
accuracy or completeness of such statements and technical information is not
guaranteed. 3M MAKES NO WARRANTIES, EXPRESS OR IMPLIED,
INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OF
MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE. User is
responsible for determining whether the 3M product is fit for a particular
purpose and suitable for user's method of application.
* If 'Directions for Use' reference P.N.'s 8984, 8986, or 8987, please read below.
Federal and local air quality regulations may regulate or prohibit the use of surface preparation and cleanup solvents based on
VOC content. Consult your local and Federal air quality regulations for information. When using solvents, use in a well ventilated
area. Extinguish all sources of ignition in the work area and observe precautionary measures for handling these materials. Refer
3



Html Pages

1 2 3 4