| Moteur de recherche de fiches techniques de composants électroniques |
|
7953MP Fiches technique(PDF) 6 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
7953MP Fiches technique(HTML) 6 Page - 3M Electronics |
|
6 / 7 page ![]() 3M™ Membrane Switch Product with Adhesive 200MP 7953MP Family Group (continued) ISO Statement Recognition/Certi cation 7953MP 7956MP 7957MP 7959MP 7961MP 9045MP 7945MP 9057MP 9059MP 9061MP 7993MP 7995MP 7997MP 9056MP Primary Liner Thickness (mm) 0.11 0.11 0.11 0.11 0.11 0.18 0.11 0.18 0.18 0.18 0.18 Secondary Liner Thickness (mm) 0.11 0.11 0.11 0.11 0.11 0.18 0.11 0.18 0.18 0.18 0.18 This Industrial Adhesives and Tapes Division product was manufactured under a 3M quality system registered to ISO 9001 standards. TSCA: This product is de ned as an article under the Toxic Substances Control Act and therefore, it is exempt from inventory listing requirements MSDS: 3M has not prepared a MSDS for this product which is not subjected to the MSDS requirements of the Occupational Safety and Health Administration’s Hazard Communication Standard, 29 C.F.R.1910.1200(b)(6)(v). When used under reasonable conditions or in accordance with the 3M directions for use, this product should not present a health and safety hazard. However, use or processing of the product in a manner not in accordance with the directions for use may a ect its performance and present potential health and safety hazards. UL: These products have been recognized by Underwriters Laboratories, Inc. under Ul 746C and UL 969. For more information on the UL Certi cation, please visit the website at http://www.3M.com/converter, select UL Recognized Materials, then select the speci c product area. Note: One of 3M's core values is to respect our social and physical environment. 3M is committed to comply with ever-changing, global, regulatory and consumer environmental, health, and safety (EHS) requirements. As a service to our customers, 3M is providing information on the regulatory status of many 3M products. Further regulation information including that for OSHA, USCPSI, FDA, California Proposition 65, READY and RoHS, can be found at 3M.com/regs. |