| Moteur de recherche de fiches techniques de composants électroniques |
|
DP620NS Fiches technique(PDF) 1 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
DP620NS Fiches technique(HTML) 1 Page - 3M Electronics |
|
1 / 6 page ![]() ASK A 3M EXPERT February, 2019 3M™ Scotch-Weld™ Urethane Adhesive DP620NS Black Product Description 3M™ Scotch-Weld™ Urethane Adhesive DP620NS is a black, rapid setting, two-component polyurethane. It is packaged as 1:1 ratio liquids in a duo-pak cartridge. With the squeeze of the trigger, the components are automatically mixed and easily dispensed as a bubble-free non-sag paste. Product Features • Medium open time • 1:1 Mix Ratio • Bonds to a wide variety of substrates • Easy Mixing, Non-Sag formulation • Low Temperature Flexibility • Low shrinkage |
Numéro de pièce similaire - DP620NS |
|
Description similaire - DP620NS |