Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L99LD02Q505 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce L99LD02Q505
Description  Automotive dual-phase boost DC/DC controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD02Q505 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button L99LD02Q505 Datasheet HTML 17Page - STMicroelectronics L99LD02Q505 Datasheet HTML 18Page - STMicroelectronics L99LD02Q505 Datasheet HTML 19Page - STMicroelectronics L99LD02Q505 Datasheet HTML 20Page - STMicroelectronics L99LD02Q505 Datasheet HTML 21Page - STMicroelectronics L99LD02Q505 Datasheet HTML 22Page - STMicroelectronics L99LD02Q505 Datasheet HTML 23Page - STMicroelectronics L99LD02Q505 Datasheet HTML 24Page - STMicroelectronics L99LD02Q505 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
DS12448 Rev 3
21/66
L99LD02
Functional description
64
4
Functional description
4.1
Operating modes
Figure 9. Device state diagram
Standby Mode
V3V3<VPOR
Low V_SPIconsumption
Low VS consumption
SPI Inactive
Reset
(transitionstate)
Reset ofctrlregisters to
default valueaccording to
OTP settings
Active Mode
Device operates according to
SPI ctrl register settings
VDD Undervoltage
or
WD failure
or
EN = GOSTBY = 0
or
SPI sequence:
1. UNLOCK = 1
2. EN = GOSTBY =1
Limp Home/
Standalone Mode
Device operates according to OTP
settings
SPI active
Note: ctrl registers can be written
but are not active
Dedicated SPI sequence:
1. WD_FAIL Read & Clear
2. UNLOCK = 1
3. EN = 1 and GOSTBY =0
Pre-Standby
V3V3>VPOR
Boost Disabled
SPI Active
CSN = High
for more than tSTDBY
tSTDBY
tPRE-STDBY = tSTDBY
tWAKEUP
tTM_LOW = 200us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66