Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EVALSTDRIVE101 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce EVALSTDRIVE101
Description  STDRIVE101 demonstration board for three-phase brushless motors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVALSTDRIVE101 Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button EVALSTDRIVE101 Datasheet HTML 4Page - STMicroelectronics EVALSTDRIVE101 Datasheet HTML 5Page - STMicroelectronics EVALSTDRIVE101 Datasheet HTML 6Page - STMicroelectronics EVALSTDRIVE101 Datasheet HTML 7Page - STMicroelectronics EVALSTDRIVE101 Datasheet HTML 8Page - STMicroelectronics EVALSTDRIVE101 Datasheet HTML 9Page - STMicroelectronics EVALSTDRIVE101 Datasheet HTML 10Page - STMicroelectronics EVALSTDRIVE101 Datasheet HTML 11Page - STMicroelectronics EVALSTDRIVE101 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
2
Waste and recycling
TheEvaluation Board is not to be disposed of as urban waste. At the end of its life cycle, differentiated
waste collection must be followed. Consult local authorities for more information on the proper disposal
channels and recycling centers. It is mandatory to collect separately the Demonstration Board and make sure it is
delivered to the appropriate waste management and recycling centers. As of 15 August 2018, in all countries
belonging to the European Union, the Demonstration Board is subject to the requirements of WEEE Directive
2012/19/EU, and therefore it is forbidden to dispose of the Demonstration Board as undifferentiated waste or with
other domestic waste. Incorrect disposal of the Demonstration Board may cause damage to the environment and
may incur fines based on specific countries’ rules, regulations, and laws.
EVALSTDRIVE101
Waste and recycling
DB4298 - Rev 1
page 8/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13