Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BLUENRG-M0 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce BLUENRG-M0
Description  Very low power network processor module for Bluetooth® low energy v4.2
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-M0 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button BLUENRG-M0 Datasheet HTML 17Page - STMicroelectronics BLUENRG-M0 Datasheet HTML 18Page - STMicroelectronics BLUENRG-M0 Datasheet HTML 19Page - STMicroelectronics BLUENRG-M0 Datasheet HTML 20Page - STMicroelectronics BLUENRG-M0 Datasheet HTML 21Page - STMicroelectronics BLUENRG-M0 Datasheet HTML 22Page - STMicroelectronics BLUENRG-M0 Datasheet HTML 23Page - STMicroelectronics BLUENRG-M0 Datasheet HTML 24Page - STMicroelectronics BLUENRG-M0 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
9
Ordering information
Table 11. Ordering information
Order code
Description
MOQ
Packing
BLUENRG-M0A
Bluetooth® v4.2 low energy
module
1000 pieces
Tape and reel
BLUENRG-M0L
BlueNRG-M0
Ordering information
DS13023 - Rev 3
page 21/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28