Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BLUENRG-LP Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce BLUENRG-LP
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-LP Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button BLUENRG-LP Datasheet HTML 18Page - STMicroelectronics BLUENRG-LP Datasheet HTML 19Page - STMicroelectronics BLUENRG-LP Datasheet HTML 20Page - STMicroelectronics BLUENRG-LP Datasheet HTML 21Page - STMicroelectronics BLUENRG-LP Datasheet HTML 22Page - STMicroelectronics BLUENRG-LP Datasheet HTML 23Page - STMicroelectronics BLUENRG-LP Datasheet HTML 24Page - STMicroelectronics BLUENRG-LP Datasheet HTML 25Page - STMicroelectronics BLUENRG-LP Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 72 page
background image
2
Pinouts and pin description
The BlueNRG-LP comes in three package versions: QFN48 offering 32 GPIOs, WCSP49 offering 30 GPIOs and
QFN32 offering 20 GPIOs.
Figure 7. Pinout top view (QFN48 package)
PB4
PB5
PB6
PB7
PB8
PB9 PB10 PB11 VDDA VDD1 RSTN VDD3
48
47
46
45
44
43
42
41
40
39
38
37
PB3
1
36
VDDSD
PB2
2
35
VLXSD
PB1
3
34
VSS
PB0
4
33
NC
PA15
5
32
VFBSD
PA14
6
31
VCAP
PA13
7
30
PB12/XTAL0
PA12
8
29
PB13/XTAL1
PA11
9
28
PB14
PA10
10
27
PB15
PA9
11
26
VDD4
PA8
12
25
OSCIN
13
14
15
16
17
18
19
20
21
22
23
24
PA0
PA1
PA2
PA3
PA4
PA5
PA6
PA7 VDD2
GND
pad
BlueNRG-LP
Pinouts and pin description
DS13282 - Rev 2
page 22/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72