Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDLL1A40 Fiches technique(PDF) 2 Page - Microsemi Corporation

No de pièce CDLL1A40
Description  1 AMP SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CDLL1A40 Fiches technique(HTML) 2 Page - Microsemi Corporation

  CDLL1A40 Datasheet HTML 1Page - Microsemi Corporation CDLL1A40 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
148
CDLL5817 thru CDLL5819
and
CDLL6759 thru CDLL6761
and
CDLL1A20 thru CDLL1A100
+25
+50
+75
+100
+125
TJ , JUNCTION TEMPERATURE (°C)
FIGURE 1
TYPICAL FORWARD VOLTAGE
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
VF, FORWARD VOLTAGE, INSTANTANEOUS (VOLTS)
FIGURE 2
100.0
10.0
1.0
0.1
0.01
10.0
1.0
0.1
0.01
0.001
TYPICAL REVERSE LEAKAGE CURRENT AT RATED PIV (PULSED)
CDLL5818
CDLL5817
CDLL5819



Html Pages

1 2