| Moteur de recherche de fiches techniques de composants électroniques |
|
TLE5041PLUSC Fiches technique(PDF) 11 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE5041PLUSC Fiches technique(HTML) 11 Page - Infineon Technologies AG |
|
11 / 30 page ![]() p Bx, right hidden fixed Bx, left hysteresis = dBlimit dBx t zero crossing, out ut switching Output switching sensing right sensing left x z moving direction dB dBmax d2 = (dBmax – dBstartup_x)/4 d1 t Offset td,input correction tpor d3 = (dBmax – dBmin)/4 dBmin Output signal Phase shift change Calibrated Mode Uncalibrated Mode d1 = dBstartup_x t1 = initial calibration delay time = tpor + td,input Offset correction = (dBmax + dBmin)/2 TLE5041plusC Functional Description Figure 5 TLE5041plusC differential arrangement of sensing elements 2.4.1 Uncalibrated Mode When the device is supplied after power down, the device is awake after power on time t POR. The digital core immediately starts tracking the signal. In order to trigger a first edge, the magnetic signal has to exceed a threshold DNC (digital noise constant d1). Refer to Figure 6 where the first switching point is after the magnetic input has exceeded dB startup_x . The algorithm works in both directions, thus for rising and falling slopes. Figure 6 Offset calibration of TLE5041plusC Data Sheet 11 V 1.2, 2018-01-18 |