| Moteur de recherche de fiches techniques de composants électroniques |
|
TLE4943C Fiches technique(PDF) 21 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4943C Fiches technique(HTML) 21 Page - Infineon Technologies AG |
|
21 / 48 page ![]() TLE4943C Data Sheet 21 V 1.2, July 2018 2nd case: The last bit of the preceding protocol is cut off. The time between 2 consecutive protocols is no longer sufficient and a new increment of the encoder occurs, while the last bit of the preceding protocol is still being transferred. At this moment the new protocol begins again with the constant-time output offset of the length tp. However now it is realized in the sensor that a bit transfer is still running. This is completely transmitted within the currently running output offset. After the output offset ends, the initial bit follows with tp/2, then the speed pulse, etc. Figure 15 Case 2 - last bit of preceding protocol is cut off Zero crossing Subsequent protocol Preceding protocol Initial bit tp tp tp tp bit0 bit5 bit4 bit3 bit2 bit1 bit7 bit6 Parity tp tp tp tp bit0 bit3 bit2 bit1 Time output offset bit5 bit6 bit4 Bit is completely transmitted tp/2 tp/2 tp/2 tp/2 |