Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DP600 Fiches technique(PDF) 8 Page - 3M Electronics

No de pièce DP600
Description  3M™ Scotch-Weld™ Urethane
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  3M [3M Electronics]
Site Internet  http://www.3m.com
Logo 3M - 3M Electronics

DP600 Fiches technique(HTML) 8 Page - 3M Electronics

Back Button DP600 Datasheet HTML 4Page - 3M Electronics DP600 Datasheet HTML 5Page - 3M Electronics DP600 Datasheet HTML 6Page - 3M Electronics DP600 Datasheet HTML 7Page - 3M Electronics DP600 Datasheet HTML 8Page - 3M Electronics DP600 Datasheet HTML 9Page - 3M Electronics DP600 Datasheet HTML 10Page - 3M Electronics DP600 Datasheet HTML 11Page - 3M Electronics DP600 Datasheet HTML 12Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
3M™Scotch-Weld™ Urethane AdhesivesDP600
Self-Leveling and DP600NS
8
Note: Not for use in repairing or anchoring diving boards.
Preparation of Hand/Grab rails
1. Bore a hole through the base of the hand/grab rail just above grade level to
allow introduction of the product.
2. Using 80 grit sandpaper, roughen the footing surface of the hand/grab rail
which is to be imbedded below the concrete grade.
3. Refer to instructions on cartridge for dispensing.
Preparation of Concrete for Re-anchoring
1. Chip away the cracked or broken concrete to allow removal of the hand/grab
rail.
2. Leave the concrete as close as possible around the hand/grab rail. It is best to
allow the concrete to remain intact as close as possible (within 1/2 to 1 inch all
around) to the base of the hand/grab rail.
3. Dig down to the base of the concrete, typically 4- to 6-inches deep.
4. Expose any rebar, if possible, in order to create a ground connection to the rebar.
5. Create as much as a 1-inch undercut under the concrete in a smooth taper from
the concrete surface.
6. Remove all of the loose concrete particles and dust prior to encasing
the replacement hand/grab rail.
7. Attach the replacement hand/grab rail to surrounding rebar using a copper wire.
Cinch the connection down tightly, allowing a slight amount of slack in the
wire connection.
8. Create a shield to corrosion at the base of the hand/grab rail by laying a
piece of polyethylene plastic at the base of the hole.
9. Insert the hand/grab rail in the hole. Align the hand/grab rail for its elevation
and vertical plumb.
Encasement Procedure
1. Dispense 3M™ Scotch-Weld™ Urethane Adhesive DP600 Self-Leveling or
DP600NS into the concrete hole. Product will remain liquid for approximately
50 seconds, and fully cure in 1 hour. Dispense more cartridges as necessary to
bring the fill level up to the concrete surface level.
2. Dispense 3M™ Scotch-Weld™ Urethane Adhesive DP600 Self-Leveling or
DP600NS into the inside of the hand/grab rail. Fill with product up to and
slightly above the grade level. (Filling the inside of the post provides extra
strength and protection against corrosion.)
3. Apply cement dust or sand, if desired, to blend the surface appearance into
the surrounding concrete.
4. If 3M™ Scotch-Weld™ Urethane Adhesive DP600 Self-Leveling or DP600NS
is applied in a traffic area, apply sand or some type of grit to repaired surface
area.
Repair Clean-up and Finishing
Shave or grind cured product with 36 grit sandpaper to achieve desired shape.
Installation
Instructions for
Re-Anchoring
Handrails



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12