| Moteur de recherche de fiches techniques de composants électroniques |
|
R5F52107ADFN Fiches technique(PDF) 82 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F52107ADFN Fiches technique(HTML) 82 Page - Renesas Technology Corp |
|
82 / 223 page ![]() R01DS0041EJ0150 Rev.1.50 Page 82 of 221 Oct 18, 2013 RX210 Group 4. I/O Registers 0008 C080 PORT0 Open drain control register 0 ODR0 8 8, 16 2, 3 PCLKB 2 ICLK 0008 C082h PORT1 Open drain control register 0 ODR0 8 8, 16 2, 3 PCLKB 2 ICLK 0008 C083h PORT1 Open drain control register 1 ODR1 8 8, 16 2, 3 PCLKB 2 ICLK 0008 C084h PORT2 Open drain control register 0 ODR0 8 8, 16 2, 3 PCLKB 2 ICLK 0008 C085h PORT2 Open drain control register 1 ODR1 8 8, 16 2, 3 PCLKB 2 ICLK 0008 C086h PORT3 Open drain control register 0 ODR0 8 8, 16 2, 3 PCLKB 2 ICLK 0008 C087h PORT3 Open drain control register 1 ODR1 8 8, 16 2, 3 PCLKB 2 ICLK 0008 C08Ch PORT6 Open drain control register 0 ODR0 8 8, 16 2, 3 PCLKB 2 ICLK 0008 C08Eh PORT7 Open drain control register 0 ODR0 8 8, 16 2, 3 PCLKB 2 ICLK 0008 C08Fh PORT7 Open drain control register 1 ODR1 8 8, 16 2, 3 PCLKB 2 ICLK 0008 C090h PORT8 Open drain control register 0 ODR0 8 8, 16 2, 3 PCLKB 2 ICLK 0008 C092h PORT9 Open drain control register 0 ODR0 8 8, 16 2, 3 PCLKB 2 ICLK 0008 C094h PORTA Open drain control register 0 ODR0 8 8, 16 2, 3 PCLKB 2 ICLK 0008 C095h PORTA Open drain control register 1 ODR1 8 8, 16 2, 3 PCLKB 2 ICLK 0008 C096h PORTB Open drain control register 0 ODR0 8 8, 16 2, 3 PCLKB 2 ICLK 0008 C097h PORTB Open drain control register 1 ODR1 8 8, 16 2, 3 PCLKB 2 ICLK 0008 C098h PORTC Open drain control register 0 ODR0 8 8, 16 2, 3 PCLKB 2 ICLK 0008 C099h PORTC Open drain control register 1 ODR1 8 8, 16 2, 3 PCLKB 2 ICLK 0008 C09Ch PORTE Open drain control register 0 ODR0 8 8, 16 2, 3 PCLKB 2 ICLK 0008 C09Dh PORTE Open drain control register 1 ODR1 8 8, 16 2, 3 PCLKB 2 ICLK 0008 C0A6h PORTK Open drain control register 0 ODR0 8 8, 16 2, 3 PCLKB 2 ICLK 0008 C0A7h PORTK Open drain control register 1 ODR1 8 8, 16 2, 3 PCLKB 2 ICLK 0008 C0C0h PORT0 Pull-up control register PCR 8 8 2, 3 PCLKB 2 ICLK 0008 C0C1h PORT1 Pull-up control register PCR 8 8 2, 3 PCLKB 2 ICLK 0008 C0C2h PORT2 Pull-up control register PCR 8 8 2, 3 PCLKB 2 ICLK 0008 C0C3h PORT3 Pull-up control register PCR 8 8 2, 3 PCLKB 2 ICLK 0008 C0C4h PORT4 Pull-up control register PCR 8 8 2, 3 PCLKB 2 ICLK 0008 C0C5h PORT5 Pull-up control register PCR 8 8 2, 3 PCLKB 2 ICLK 0008 C0C6h PORT6 Pull-up control register PCR 8 8 2, 3 PCLKB 2 ICLK 0008 C0C7h PORT7 Pull-up control register PCR 8 8 2, 3 PCLKB 2 ICLK 0008 C0C8h PORT8 Pull-up control register PCR 8 8 2, 3 PCLKB 2 ICLK 0008 C0C9h PORT9 Pull-up control register PCR 8 8 2, 3 PCLKB 2 ICLK 0008 C0CAh PORTA Pull-up control register PCR 8 8 2, 3 PCLKB 2 ICLK 0008 C0CBh PORTB Pull-up control register PCR 8 8 2, 3 PCLKB 2 ICLK 0008 C0CCh PORTC Pull-up control register PCR 8 8 2, 3 PCLKB 2 ICLK 0008 C0CDh PORTD Pull-up control register PCR 8 8 2, 3 PCLKB 2 ICLK 0008 C0CEh PORTE Pull-up control register PCR 8 8 2, 3 PCLKB 2 ICLK 0008 C0CFh PORTF Pull-up control register PCR 8 8 2, 3 PCLKB 2 ICLK 0008 C0D1h PORTH Pull-up control register PCR 8 8 2, 3 PCLKB 2 ICLK 0008 C0D2h PORTJ Pull-up control register PCR 8 8 2, 3 PCLKB 2 ICLK 0008 C0D3h PORTK Pull-up control register PCR 8 8 2, 3 PCLKB 2 ICLK 0008 C0D4h PORTL Pull-up control register PCR 8 8 2, 3 PCLKB 2 ICLK 0008 C0E0h PORT0 Drive capacity control register DSCR 8 8 2, 3 PCLKB 2 ICLK 0008 C0E1h PORT1 Drive capacity control register DSCR 8 8 2, 3 PCLKB 2 ICLK 0008 C0E2h PORT2 Drive capacity control register DSCR 8 8 2, 3 PCLKB 2 ICLK 0008 C0E3h PORT3 Drive capacity control register DSCR 8 8 2, 3 PCLKB 2 ICLK 0008 C0E5h PORT5 Drive capacity control register DSCR 8 8 2, 3 PCLKB 2 ICLK 0008 C0E6h PORT6 Drive capacity control register DSCR 8 8 2, 3 PCLKB 2 ICLK 0008 C0E7h PORT7 Drive capacity control register DSCR 8 8 2, 3 PCLKB 2 ICLK 0008 C0E8h PORT8 Drive capacity control register DSCR 8 8 2, 3 PCLKB 2 ICLK 0008 C0E9h PORT9 Drive capacity control register DSCR 8 8 2, 3 PCLKB 2 ICLK Table 4.1 List of I/O Registers (Address Order) (25 / 29) Address Module Symbol Register Name Register Symbol Number of Bits Access Size Number of Access Cycles ICLK PCLK ICLK < PCLK |