| Moteur de recherche de fiches techniques de composants électroniques |
|
RX113 Fiches technique(PDF) 32 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RX113 Fiches technique(HTML) 32 Page - Renesas Technology Corp |
|
32 / 131 page ![]() R01DS0216EJ0120 Rev.1.20 Page 32 of 131 Sep 07, 2020 RX113 Group 4. I/O Registers 0008 707Ah ICU Interrupt Request Register 122 IR122 8 8 2 ICLK 0008 707Bh ICU Interrupt Request Register 123 IR123 8 8 2 ICLK 0008 707Ch ICU Interrupt Request Register 124 IR124 8 8 2 ICLK 0008 707Dh ICU Interrupt Request Register 125 IR125 8 8 2 ICLK 0008 707Eh ICU Interrupt Request Register 126 IR126 8 8 2 ICLK 0008 707Fh ICU Interrupt Request Register 127 IR127 8 8 2 ICLK 0008 7080h ICU Interrupt Request Register 128 IR128 8 8 2 ICLK 0008 7081h ICU Interrupt Request Register 129 IR129 8 8 2 ICLK 0008 7082h ICU Interrupt Request Register 130 IR130 8 8 2 ICLK 0008 7083h ICU Interrupt Request Register 131 IR131 8 8 2 ICLK 0008 7084h ICU Interrupt Request Register 132 IR132 8 8 2 ICLK 0008 7085h ICU Interrupt Request Register 133 IR133 8 8 2 ICLK 0008 7086h ICU Interrupt Request Register 134 IR134 8 8 2 ICLK 0008 7087h ICU Interrupt Request Register 135 IR135 8 8 2 ICLK 0008 7088h ICU Interrupt Request Register 136 IR136 8 8 2 ICLK 0008 7089h ICU Interrupt Request Register 137 IR137 8 8 2 ICLK 0008 708Ah ICU Interrupt Request Register 138 IR138 8 8 2 ICLK 0008 708Bh ICU Interrupt Request Register 139 IR139 8 8 2 ICLK 0008 708Ch ICU Interrupt Request Register 140 IR140 8 8 2 ICLK 0008 708Dh ICU Interrupt Request Register 141 IR141 8 8 2 ICLK 0008 70AAh ICU Interrupt Request Register 170 IR170 8 8 2 ICLK 0008 70ABh ICU Interrupt Request Register 171 IR171 8 8 2 ICLK 0008 70AEh ICU Interrupt Request Register 174 IR174 8 8 2 ICLK 0008 70AFh ICU Interrupt Request Register 175 IR175 8 8 2 ICLK 0008 70B0h ICU Interrupt Request Register 176 IR176 8 8 2 ICLK 0008 70B1h ICU Interrupt Request Register 177 IR177 8 8 2 ICLK 0008 70B2h ICU Interrupt Request Register 178 IR178 8 8 2 ICLK 0008 70B3h ICU Interrupt Request Register 179 IR179 8 8 2 ICLK 0008 70B4h ICU Interrupt Request Register 180 IR180 8 8 2 ICLK 0008 70B5h ICU Interrupt Request Register 181 IR181 8 8 2 ICLK 0008 70B6h ICU Interrupt Request Register 182 IR182 8 8 2 ICLK 0008 70B7h ICU Interrupt Request Register 183 IR183 8 8 2 ICLK 0008 70B8h ICU Interrupt Request Register 184 IR184 8 8 2 ICLK 0008 70B9h ICU Interrupt Request Register 185 IR185 8 8 2 ICLK 0008 70BAh ICU Interrupt Request Register 186 IR186 8 8 2 ICLK 0008 70BBh ICU Interrupt Request Register 187 IR187 8 8 2 ICLK 0008 70BCh ICU Interrupt Request Register 188 IR188 8 8 2 ICLK 0008 70BDh ICU Interrupt Request Register 189 IR189 8 8 2 ICLK 0008 70D6h ICU Interrupt Request Register 214 IR214 8 8 2 ICLK 0008 70D7h ICU Interrupt Request Register 215 IR215 8 8 2 ICLK 0008 70D8h ICU Interrupt Request Register 216 IR216 8 8 2 ICLK 0008 70D9h ICU Interrupt Request Register 217 IR217 8 8 2 ICLK 0008 70DAh ICU Interrupt Request Register 218 IR218 8 8 2 ICLK 0008 70DBh ICU Interrupt Request Register 219 IR219 8 8 2 ICLK 0008 70DCh ICU Interrupt Request Register 220 IR220 8 8 2 ICLK 0008 70DDh ICU Interrupt Request Register 221 IR221 8 8 2 ICLK 0008 70DEh ICU Interrupt Request Register 222 IR222 8 8 2 ICLK 0008 70DFh ICU Interrupt Request Register 223 IR223 8 8 2 ICLK 0008 70E0h ICU Interrupt Request Register 224 IR224 8 8 2 ICLK 0008 70E1h ICU Interrupt Request Register 225 IR225 8 8 2 ICLK 0008 70E2h ICU Interrupt Request Register 226 IR226 8 8 2 ICLK 0008 70E3h ICU Interrupt Request Register 227 IR227 8 8 2 ICLK Table 4.1 List of I/O Registers (Address Order) (3/24) Address Module Symbol Register Name Register Symbol Number of Bits Access Size Number of Access States |