Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD2943 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce SD2943
Description  RF Power Transistor HF/VHF/UHF N - Channel MOSFETs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2943 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button SD2943 Datasheet HTML 6Page - STMicroelectronics SD2943 Datasheet HTML 7Page - STMicroelectronics SD2943 Datasheet HTML 8Page - STMicroelectronics SD2943 Datasheet HTML 9Page - STMicroelectronics SD2943 Datasheet HTML 10Page - STMicroelectronics SD2943 Datasheet HTML 11Page - STMicroelectronics SD2943 Datasheet HTML 12Page - STMicroelectronics SD2943 Datasheet HTML 13Page - STMicroelectronics SD2943 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
5 Mechanical Data
SD2943
12/14
5
Mechanical Data
Table 9.
M177 (.550 DIA 4/L N/HERM W/FLG)
Figure 14. M177 Package Dimensions
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP
MAX.
A
5.72
5.97
0.225
0.235
B
6.73
6.96
0.265
0.275
C
21.84
22.10
0.860
0.870
D
28.70
28.96
1.130
1.140
E
13.84
14.10
0.545
0.555
F
0.08
0.18
0.003
0.007
G
2.49
2.74
0.098
0.108
H
3.81
4.32
0.150
0.170
I7.11
0.280
J
27.43
28.45
1.080
1.120
K
15.88
16.13
0.625
0.635



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14