Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HVB187YP Fiches technique(PDF) 4 Page - Renesas Technology Corp

No de pièce HVB187YP
Description  Silicon Epitaxial Planar Pin Diode for High Frequency Attenuator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVB187YP Fiches technique(HTML) 4 Page - Renesas Technology Corp

  HVB187YP Datasheet HTML 1Page - Renesas Technology Corp HVB187YP Datasheet HTML 2Page - Renesas Technology Corp HVB187YP Datasheet HTML 3Page - Renesas Technology Corp HVB187YP Datasheet HTML 4Page - Renesas Technology Corp HVB187YP Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
HVB187YP
Rev.1.00 Dec 16, 2004 page 4 of 4
Package Dimensions
2.0 ± 0.2
1.3 ± 0.2
1.3 ± 0.2
(0.65)
(0.65) (0.65)
(0.65)
0.3 ± 0.05
0.3 ± 0.05
0.3 ± 0.05
0.3 ± 0.05
0.16
0 – 0.1
+ 0.1
– 0.06
Package Code
JEDEC
JEITA
Mass (reference value)
CMPAK-4
—
Conforms
0.006 g
As of January, 2003
Unit: mm



Html Pages

1 2 3 4 5