Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9942 Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce L9942
Description  Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9942 Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button L9942 Datasheet HTML 26Page - STMicroelectronics L9942 Datasheet HTML 27Page - STMicroelectronics L9942 Datasheet HTML 28Page - STMicroelectronics L9942 Datasheet HTML 29Page - STMicroelectronics L9942 Datasheet HTML 30Page - STMicroelectronics L9942 Datasheet HTML 31Page - STMicroelectronics L9942 Datasheet HTML 32Page - STMicroelectronics L9942 Datasheet HTML 33Page - STMicroelectronics L9942 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
6 Logic with SPI - Electrical Characteristics
L9942
30/37
Figure 14. Timing of Status Bit 0 (Fault Condition)
CS N
CL K
DI
DO
CS N hi g h to l ow an d CL K st a y s l ow : s t at u s i n f or m a t i on o f d at a bi t 0 (f au l t c o n di t i on ) i s t r ans f er e d to DO
D I : d a t a i s n o t a c c e p t e d
D O : s t a t us i n f o r m a t i o n of dat a b i t 0 ( f a u l t c o n d i t i o n ) w i l l s t a y a s l o ng a s C S N i s l o w
ti m e
ti m e
ti m e
ti m e
0-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37