| Moteur de recherche de fiches techniques de composants électroniques |
|
XIO2001IPNP Fiches technique(PDF) 23 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
XIO2001IPNP Fiches technique(HTML) 23 Page - Texas Instruments |
|
23 / 144 page ![]() V and DD_15 V DDA_15 V and DD_33 V DDA_33 PCIR REFCLK PERST 23 XIO2001 www.ti.com SCPS212I – MAY 2009 – REVISED JANUARY 2016 Product Folder Links: XIO2001 Submit Documentation Feedback Copyright © 2009–2016, Texas Instruments Incorporated Power-Up/-Down Sequencing (continued) 6.12.2 Power-Down Sequence 1. Assert PERST to the device. 2. Remove the reference clock. 3. Remove PCIR clamp voltage. 4. Remove 3.3-V and 1.5-V voltages. See the power-down sequencing diagram in Figure 5. If the VDD_33_AUX terminal is to remain powered after a system shutdown, then the bridge power-down sequence is exactly the same as shown in Figure 5. Figure 5. Power-Down Sequence |