Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74HCS74 Fiches technique(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74HCS74
Description  SN74HCS74 Schmitt-Trigger Input Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS74 Fiches technique(HTML) 20 Page - Texas Instruments

Back Button SN74HCS74 Datasheet HTML 16Page - Texas Instruments SN74HCS74 Datasheet HTML 17Page - Texas Instruments SN74HCS74 Datasheet HTML 18Page - Texas Instruments SN74HCS74 Datasheet HTML 19Page - Texas Instruments SN74HCS74 Datasheet HTML 20Page - Texas Instruments SN74HCS74 Datasheet HTML 21Page - Texas Instruments SN74HCS74 Datasheet HTML 22Page - Texas Instruments SN74HCS74 Datasheet HTML 23Page - Texas Instruments SN74HCS74 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
SN74HCS74DR
SOIC
D
14
2500
366.0
364.0
50.0
SN74HCS74DR
SOIC
D
14
2500
367.0
367.0
38.0
SN74HCS74PWR
TSSOP
PW
14
2000
853.0
449.0
35.0
SN74HCS74PWR
TSSOP
PW
14
2000
366.0
364.0
50.0
PACKAGE MATERIALS INFORMATION
www.ti.com
6-Nov-2020
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25