Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMMT-AS-60-M-HS-RMB Fiches technique(PDF) 3 Page - Festo Corporation.

No de pièce EMMT-AS-60-M-HS-RMB
Description  Servo motor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FESTO [Festo Corporation.]
Site Internet  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

EMMT-AS-60-M-HS-RMB Fiches technique(HTML) 3 Page - Festo Corporation.

  EMMT-AS-60-M-HS-RMB Datasheet HTML 1Page - Festo Corporation. EMMT-AS-60-M-HS-RMB Datasheet HTML 2Page - Festo Corporation. EMMT-AS-60-M-HS-RMB Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Feature
Value
MTTF, subcomponent
190 years, rotor position sensor
MTTFd, subcomponent
380 years, rotor position sensor
Switching cycles, holding brake
10 million idle actuations (without friction work!)
Product weight
1850 g
Interface code, motor out
60P
Note on materials
Contains paint-wetting impairment substances
RoHS-compliant
Conforms to standard
IEC 60034
12/20/20 - Subject to change - Festo AG & Co. KG
3/3



Html Pages

1 2 3