| Moteur de recherche de fiches techniques de composants électroniques |
|
TAPSF-S-64-R Fiches technique(PDF) 1 Page - Silicom Ltd. |
|
|
|||||||||||||||||||||||||||||
TAPSF-S-64-R Fiches technique(HTML) 1 Page - Silicom Ltd. |
|
1 / 3 page ![]() Silicom Ltd. Connectivity Solutions Page 1 TAPSF-S 10 /1 Gigabit (SM) Fiber TAP Stand Alone Unit Product Description The Silicom TAPSF is external passive TAP for 10 /1 fiber Gigabit Ethernet networks. The Silicom TAPSF captures both sides of the Network links and transmits a copy on to the monitor port, this feature enables full duplex monitoring of all packets transmitted between the Network ports. The Silicom TAPSF does not require power; The Silicom TAPSF can be optionally installed in a rack mount frame. Key Features Supports Fiber Gigabit Ethernet (1000Base-LX) Supports Long Range Fiber 10 Gigabit Ethernet (10GBase-LR) Passive TAP enables full duplex monitoring for 10 /1 fiber Gigabit Ethernet networks Transparent to the network Does not require power No IP address is needed Optional 19-inch rack frame holds up to 3 taps Figure: 1- TAPSF: Front panel and connections diagram |
Numéro de pièce similaire - TAPSF-S-64-R |
|
Description similaire - TAPSF-S-64-R |