Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB3G2BP Fiches technique(PDF) 5 Page - Silicom Ltd.

No de pièce USB3G2BP
Description  USB 3.0 to Dual Gigabit Ethernet Bypass Adapter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILICOM [Silicom Ltd.]
Site Internet  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

USB3G2BP Fiches technique(HTML) 5 Page - Silicom Ltd.

  USB3G2BP Datasheet HTML 1Page - Silicom Ltd. USB3G2BP Datasheet HTML 2Page - Silicom Ltd. USB3G2BP Datasheet HTML 3Page - Silicom Ltd. USB3G2BP Datasheet HTML 4Page - Silicom Ltd. USB3G2BP Datasheet HTML 5Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Silicom Ltd. Connectivity Solutions
Page
5
Functional Description
Silicom’s Dual Port Bypass adapter supports Normal, Bypass.
In Normal mode, the ports are independent interfaces (see Figure 1: Normal mode).
Figure 1 Normal Mode Functional Block Diagram
In Bypass mode, the connections of the Ethernet network ports are disconnected from the interfaces and switched over to the other
port to create a crossed connection loop-back between the Ethernet ports. The connections of the interfaces are left unconnected.
(See Figure 2: Bypass mode)
Figure 2: Bypass Mode Functional Block Diagram
Order Information
P/N
Description
Notes
USB3G2BP
USB 3.0 to Dual Gigabit Ethernet Bypass Adapter
RoHS compliant
Model P/N -SD
-SD: Side Drive
1V7



Html Pages

1 2 3 4 5